Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6562ATDTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6562ATDTR
Description  Transition-mode PFC controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562ATDTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6562ATDTR Datasheet HTML 14Page - STMicroelectronics L6562ATDTR Datasheet HTML 15Page - STMicroelectronics L6562ATDTR Datasheet HTML 16Page - STMicroelectronics L6562ATDTR Datasheet HTML 17Page - STMicroelectronics L6562ATDTR Datasheet HTML 18Page - STMicroelectronics L6562ATDTR Datasheet HTML 19Page - STMicroelectronics L6562ATDTR Datasheet HTML 20Page - STMicroelectronics L6562ATDTR Datasheet HTML 21Page - STMicroelectronics L6562ATDTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Application examples and ideas
L6562AT
18/25
Figure 22.
L6562A 80W TM PFC evaluation
board: compliance to EN61000-3-2
standard
Figure 23.
L6562A 80W TM PFC evaluation
board: compliance to JEIDA-MITI
standard
Vin = 230 Vac - 50 Hz, Pout = 80 W
THD = 10.48%, PF = 0.973
Vin = 100 Vac - 50 Hz, Pout = 80 W
THD = 3.18%, PF = 0.997
0.0001
0.001
0.01
0.1
1
1 3 5 7 9 1113 15 17 19 2123 25 27 2931 3335 37 39
Harmonic Order (n)
Measurements @ 230Vac Full load
EN61000-3-2 class D limits
0.0001
0.001
0.01
0.1
1
1 3 5 7 9 111315 17 1921 23 2527 29 31 333537 39
Harmonic Order (n)
Measurements @ 100Vac Full load
JEIDA-MITI class D limits
Figure 24.
L6562A 80W TM PFC evaluation
board: input current waveform
@230 V-50 Hz – 80W load
Figure 25.
L6562A 80W TM PFC evaluation
board: input current waveform
@100 V-50 Hz – 80 W load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com