Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5607B Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5607B
Description  MicrocontrollerData Sheet
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5607B Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5607B_13 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5607B_13 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5607B_13 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5607B_13 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5607B_13 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5607B_13 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5607B_13 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5607B_13 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5607B_13 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 110 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: MPC5607B
Rev. 6, 07/2011
© Freescale Semiconductor, Inc., 2010-2011. All rights reserved.
MPC5607B
100 LQFP
14 mm x 14 mm
144 LQFP
20 mm x 20 mm
176 LQFP
24 mm x 24 mm
208 MAPBGA
17 mm x 17 mm
• Single issue, 32-bit CPU core complex (e200z0h)
– Compliant with the Power Architecture® technology
embedded category
– Enhanced instruction set allowing variable length
encoding (VLE) for code size footprint reduction. With
the optional encoding of mixed 16-bit and 32-bit
instructions, it is possible to achieve significant code
size footprint reduction.
• Up to 1.5 MB on-chip code flash memory supported with
the flash memory controller
• 64 (4 × 16) KB on-chip data flash memory with ECC
• Up to 96 KB on-chip SRAM
• Memory protection unit (MPU) with 8 region descriptors
and 32-byte region granularity on certain family members
(Refer to Table 1 for details.)
• Interrupt controller (INTC) capable of handling 204
selectable-priority interrupt sources
• Frequency modulated phase-locked loop (FMPLL)
• Crossbar switch architecture for concurrent access to
peripherals, Flash, or RAM from multiple bus masters
• 16-channel eDMA controller with multiple transfer request
sources using DMA multiplexer
• Boot assist module (BAM) supports internal Flash
programming via a serial link (CAN or SCI)
• Timer supports I/O channels providing a range of 16-bit
input capture, output compare, and pulse width modulation
functions (eMIOS)
• 2 analog-to-digital converters (ADC): one 10-bit and one
12-bit
• Cross Trigger Unit to enable synchronization of ADC
conversions with a timer event from the eMIOS or PIT
• Up to 6 serial peripheral interface (DSPI) modules
• Up to 10 serial communication interface (LINFlex)
modules
• Up to 6 enhanced full CAN (FlexCAN) modules with
configurable buffers
• 1 inter-integrated circuit (I2C) interface module
• Up to 149 configurable general purpose pins supporting
input and output operations (package dependent)
• Real-Time Counter (RTC)
– Clock source from internal 128 kHz or 16 MHz
oscillator supporting autonomous wakeup with 1 ms
resolution with maximum timeout of 2 seconds
– Optional support for RTC with clock source from
external 32 kHz crystal oscillator, supporting wakeup
with 1 sec resolution and maximum timeout of 1 hour
• Up to 8 periodic interrupt timers (PIT) with 32-bit counter
resolution
• Nexus development interface (NDI) per IEEE-ISTO
5001-2003 Class Two Plus
• Device/board boundary scan testing supported per Joint
Test Action Group (JTAG) of IEEE (IEEE 1149.1)
• On-chip voltage regulator (VREG) for regulation of input
supply for all internal levels
MPC5607B Microcontroller
Data Sheet


Similar Part No. - MPC5607B_13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC5607BACLL4R NXP-MPC5607BACLL4R Datasheet
995Kb / 114P
MPC5607B Microcontroller Data Sheet
Rev. 10, 10/2021
MPC5607BACLL6R NXP-MPC5607BACLL6R Datasheet
995Kb / 114P
MPC5607B Microcontroller Data Sheet
Rev. 10, 10/2021
MPC5607BACLQ4R NXP-MPC5607BACLQ4R Datasheet
995Kb / 114P
MPC5607B Microcontroller Data Sheet
Rev. 10, 10/2021
MPC5607BACLQ6R NXP-MPC5607BACLQ6R Datasheet
995Kb / 114P
MPC5607B Microcontroller Data Sheet
Rev. 10, 10/2021
MPC5607BACLU4R NXP-MPC5607BACLU4R Datasheet
995Kb / 114P
MPC5607B Microcontroller Data Sheet
Rev. 10, 10/2021
More results

Similar Description - MPC5607B_13

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30-7JB-10PC HIROSE-HR30-7JB-10PC Datasheet
169Kb / 2P
SPECIFICATION SHEET
HR30-7PB-10SC HIROSE-HR30-7PB-10SC Datasheet
187Kb / 2P
SPECIFICATION SHEET
HR30-8JB-12S HIROSE-HR30-8JB-12S Datasheet
184Kb / 2P
SPECIFICATION SHEET
HR30-8JB-12SC HIROSE-HR30-8JB-12SC Datasheet
172Kb / 2P
SPECIFICATION SHEET
logo
alpha microelectronics ...
AMG-PS131 ALPHA-MICRO-AMG-PS131 Datasheet
279Kb / 2P
FACT SHEET
AMG-SO101 ALPHA-MICRO-AMG-SO101 Datasheet
167Kb / 2P
FACT SHEET
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
DATA SHEET
logo
American Microsemicondu...
1N4725 AMMSEMI-1N4725 Datasheet
430Kb / 1P
Specifications Sheet
AMS-IRDK250-08 AMMSEMI-AMS-IRDK250-08 Datasheet
537Kb / 2P
Specifications Sheet
logo
Aplus Intergrated Circu...
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com