Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC06F2A Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # PC06F2A
Description  PolyCHIP Fuses PC06F Series, Fast Acting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PC06F2A Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  PC06F2A Datasheet HTML 1Page - Cooper Bussmann, Inc. PC06F2A Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
• Low resistance
• Low profile 0603/1608 design
• Pb-free and RoHS Compliant
• High inrush withstand capability
• Polymer matrix design
• One time positive disconnect
• Ampere rating marked on both sides, dual orientation
• Compatible with leaded and lead-free reflow and wave
solder
Agency Information
• UL Recognition Card: JDYX2, E19180
Environmental Data
•Life Test: MIL-STD-202, Method 108A, Test Condition C
• Load Humidity: MIL-STD-202, Method 103B
• Moisture Resistance: MIL-STD-202, Method 106G
• Thermal Shock: MIL-STD-202, Method 107D
• Solderability: ANSI/J-STD-002, Test B
• Mechanical Shock: MIL-STD-202, Method 213B,
Condition A
• High Frequency Vibration: MIL-STD-202, Method 204D,
Condition D
Packaging & Ordering Information
• 5,000 pieces; paper tape; 178mm (7 inch) reel;
per EIA Standard 481-1
• Order by Product Code (no prefix or suffix necessary)
Soldering Method
• Wave Solder: 260°C, 10 sec max.
• Infrared: 260°C, 30 sec max.
1.25
(0.05)
0.50
(0.02)
0.90
(0.035)
Land Pattern
Dimensions mm⁄(inches)
ELECTRICAL CHARACTERISTICS
% of Amp Rating
Opening Time
100%
4 Hours Minimum
200%
5 Seconds Maximum
SPECIFICATIONS
Product
Voltage Rating
Interrupting
Typical DC Cold
Typical Melting
Alpha
Code
AC/DC
Rating @
Resistance
I2t (A2s)***
Code
Rated Voltage*
(ohms)**
PC06F500MA
32V
50A
0.143
0.00128
F
PC06F750MA
32V
50A
0.088
0.00291
G
PC06F1A
32V
50A
0.065
0.00616
H
PC06F1.5A
32V
50A
0.042
0.02565
K
PC06F2A
32V
50A
0.027
0.03968
N
PC06F2.5A
32V
50A
0.021
0.10139
O
PC06F3A
32V
50A
0.018
0.15778
P
PC06F3.5A
32V
50A
0.014
0.25844
R
PC06F4A
32V
50A
0.012
0.27034
S
* DC Interrupting Rating is measured at designated voltage, time constant of less than 50 microseconds, battery source.
** DC cold resistance is measured at less than 10% of rated current.
*** Melting I2t is measured with a battery back at rated DC voltage, at the lesser of either 10 times rated current or the interrupting rating with a time constant of less than 50
microseconds.
PolyCHIP™ Fuses
PC06F Series, Fast Acting


Similar Part No. - PC06F2A

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PC062-H25D-C0 PANDUIT-PC062-H25D-C0 Datasheet
110Kb / 1P
Flat Cable Clips Pan-Clamp Heavy Duty Fixed Diameter Clamps
PC062-H25D-C0 PANDUIT-PC062-H25D-C0 Datasheet
70Kb / 2P
PAN-CLAMP ™ Heavy Duty Fixed Diameter Clamps
6/2009
PC062-H25D-C0 PANDUIT-PC062-H25D-C0 Datasheet
4Mb / 16P
Heavy Duty Cable Management Solutions
5/2017
logo
Amphenol Corporation
PC06A10-6S-SR AMPHENOL-PC06A10-6S-SR Datasheet
1Mb / 80P
Amphenol Miniature Cylindrical Connectors
PC06E10-6S-SR AMPHENOL-PC06E10-6S-SR Datasheet
1Mb / 80P
Amphenol Miniature Cylindrical Connectors
More results

Similar Description - PC06F2A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATM1 ETC2-ATM1 Datasheet
401Kb / 1P
Fast-Acting Midget Fuses
logo
Tyco Electronics
651855 MACOM-651855 Datasheet
337Kb / 6P
Fast-Acting Chip Fuses
logo
Cooper Bussmann, Inc.
GMW-1100 COOPER-GMW-1100 Datasheet
29Kb / 1P
Specialty Fuses Fast-Acting
DMM-B-44 COOPER-DMM-B-44 Datasheet
93Kb / 2P
Fast-Acting Ferrule Fuses
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
Automotive Glass Fuses Fast-Acting Fast-Acting
logo
Protek Devices
PF0402F200 PROTEC-PF0402F200 Datasheet
476Kb / 6P
Fast acting chip fuses
logo
Cooper Bussmann, Inc.
SS-5FH-3.15A COOPER-SS-5FH-3.15A Datasheet
1Mb / 4P
Subminiature fast-acting fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
fast-acting fuses
MIC-1 ETC1-MIC-1 Datasheet
375Kb / 2P
fast-acting supplemental fuses
logo
Bourns Electronic Solut...
SF-2410F-T BOURNS-SF-2410F-T Datasheet
531Kb / 7P
Fast Acting SMD Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com