Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88760 Datasheet(PDF) 5 Page - ASIX Electronics Corporation

Part # AX88760
Description  AX88760 Product Introduction
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88760 Datasheet(HTML) 5 Page - ASIX Electronics Corporation

  AX88760 Datasheet HTML 1Page - ASIX Electronics Corporation AX88760 Datasheet HTML 2Page - ASIX Electronics Corporation AX88760 Datasheet HTML 3Page - ASIX Electronics Corporation AX88760 Datasheet HTML 4Page - ASIX Electronics Corporation AX88760 Datasheet HTML 5Page - ASIX Electronics Corporation AX88760 Datasheet HTML 6Page - ASIX Electronics Corporation AX88760 Datasheet HTML 7Page - ASIX Electronics Corporation AX88760 Datasheet HTML 8Page - ASIX Electronics Corporation AX88760 Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
AX88760 Product Introduction
1. Introduction
The AX88760 is a high performance and highly integrated USB/Ethernet and USB/USB
connectivity solution which contains an USB 2.0 hub, three downstream USB 2.0 transceivers, an
upstream USB 2.0 transceiver, a 10/100M Ethernet PHY, a 10/100M Ethernet MAC, a EEPROM
controller, and a 24KB SRAM. The AX88760 is targeted for many applications such as desktops,
notebook PC’s, Ultra-Mobile PC’s, docking stations, game consoles, multifunction printers,
digital-home appliances, and any embedded system using a standard USB port.
The AX88760’s integrated USB hub is fully compliant with USB 2.0 Specification and
supports Low-Speed, Full-Speed, and High-Speed downstream devices on all of the enabled
downstream ports. The AX88760 implements multiple TT architecture that provide dedicated TT
to each downstream (DS) ports, which guarantee maximum bandwidth for each connected device
when operating multiple mixed-speed peripherals device. The AX88760 provides full hub
features such as (1) One suspend LED indicator and three downstream port status LED indicators,
(2) Individual/Gang mode power management scheme and over-current detection for downstream
ports, and (3) Non-removable declaration configured by I/O pin during power-on reset…etc
The AX88760 integrates on-chip Fast Ethernet MAC and PHY, which is IEEE802.3 10Base-
T and IEEE802.3u 100Base-TX compatible, and 24KB embedded SRAM for packet buffering to
accommodate high bandwidth applications. The AX88760 has a wide array of features including
support for HP Auto-MDIX, Wake-on-LAN power management, and IEEE 802.3x and
backpressure flow control.
This document provides an overview of AX88760 product.
Figure 1. AX88760 Block Diagram
Copyright (C) 2009 Reserved by ASIX Electronics Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com