Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08055C472MAT2A Datasheet(PDF) 3 Page - AVX Corporation

Part # 08055C472MAT2A
Description  General Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08055C472MAT2A Datasheet(HTML) 3 Page - AVX Corporation

  08055C472MAT2A Datasheet HTML 1Page - AVX Corporation 08055C472MAT2A Datasheet HTML 2Page - AVX Corporation 08055C472MAT2A Datasheet HTML 3Page - AVX Corporation 08055C472MAT2A Datasheet HTML 4Page - AVX Corporation 08055C472MAT2A Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
19
X7R Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
SIZE
0101
0201
0402
0603
0805
1206
Soldering
Reflow Only
Reflow Only
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
Packaging
Paper/Embossed
All Paper
All Paper
All Paper
Paper/Embossed
Paper/Embossed
(L) Length
mm
0.40 ± 0.02
0.60 ± 0.03
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
(in.)
(0.016 ± 0.0008)
(0.024 ± 0.001)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
(W) Width
mm
0.20 ± 0.02
0.30 ± 0.03
0.50 ± 0.10
0.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
(in.)
(0.008 ± 0.0008)
(0.011 ± 0.001)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(t)
Terminal
mm
0.20 ± 0.02
0.15 ± 0.05
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
(in.)
(0.008 ± 0.0008)
(0.006 ± 0.002)
(0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
WVDC
10
10
16
25
16
25
50
6.3
10
16
25
50
100
200
6.3
10
16
25
50
100
200
6.3
10
16
25
50
100
200
500
Cap
100
A
A
A
A
(pF)
150
A
A
A
A
220
A
A
A
A
C
330
A
A
A
A
C
G
G
G
JJJJJJ
K
470
A
A
A
C
G
G
G
JJJJJJ
K
680
A
A
A
C
G
G
G
JJJJJJ
K
1000
A
A
A
C
G
G
G
J
J
JJJJ
K
1500
A
C
G
G
J
J
JJJJ
JJJJ
J
J
M
2200
A
C
G
G
J
J
JJJJ
JJJJ
J
J
M
3300
A
C
C
G
G
J
J
JJJJ
JJJJ
J
J
M
4700
A
C
C
G
G
J
J
JJJJ
JJJJ
J
J
M
6800
A
C
C
G
G
J
J
JJJJ
JJJJ
J
J
P
Cap
0.010
A
C
C
G
G
J
J
JJJJ
JJJJ
J
J
P
(μF
0.015
C
G
G
J
J
JJJJ
JJJJ
J
M
0.022
C
C
G
G
J
J
J
J
J
N
J
J
J
J
J
M
0.033
C
C
G
G
J
J
J
J
N
J
J
J
J
J
M
0.047
C
C
G
G
G
J
J
J
J
N
J
J
J
J
J
M
0.068
C
C
G
G
G
J
J
J
J
N
J
J
J
J
J
P
0.10
C
C
G
G
G
G
J
J
J
J
N
J
J
J
J
M
P
0.15
G
G
J
J
J
N
N
J
J
J
J
Q
0.22
G
G
J*
J
J
N
N
N
J
J
J
J
Q
0.33
NNNNN
J
J
M
P
Q
0.47
J*
NNNNN
M
M
M
P
Q
0.68
NNN
M
M
Q
Q
Q
1.0
J*
J*
NNNN
M
M
Q
Q
Q
1.5
PQ
Q
2.2
J*
P*
Q
Q
Q
Q*
3.3
4.7
P*
P*
Q*
Q*
Q*
Q*
10
P*
P*
Q*
Q*
Q*
22
Q*
Q*
47
100
WVDC
10
10
16
25
16
25
50
6.3
10
16
25
50
100
200
6.3
10
16
25
50
100
200
6.3
10
16
25
50
100
200
500
SIZE
0101
0201
0402
0603
0805
1206
Letter
AC
EG
J
K
M
N
P
Q
XY
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
*Optional Specifications – Contact factory



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com