Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6LS102KAFCA Datasheet(PDF) 1 Page - AVX Corporation

Part # 6LS102KAFCA
Description  Disc Ceramic Capacitors AC and Switch Mode Epoxy Coated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

6LS102KAFCA Datasheet(HTML) 1 Page - AVX Corporation

  6LS102KAFCA Datasheet HTML 1Page - AVX Corporation 6LS102KAFCA Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20
CAPACITORS FOR AC AND SWITCH
MODE APPLICATIONS
These capacitors are made of a new dielectric compound
specially developed for AC or switch mode circuits that can
generate dielectric heat which is limiting factor on other
ceramic disc capacitors.
This new series adds the advantages of class I (low loss
factor) with the advantages of class II capacitors (small sizes
and lower costs).
The capacitors are epoxy coated, flame retardant class
UL 94-V0. They meet the standards of the telecom and
data processing industry. They are particularly suited for TV
deflection and power supply circuits.
Disc Ceramic Capacitors
AC and Switch Mode Epoxy Coated
Measured at
1.0 kHz / 0.3 Vrms / 25ºC
Dissipation
6LR / 6LS / 6LT
≤ 0.5%
Factor (%)
67S / 68S
≤ 0.8%
6LR
6LS
6LT
67S
68S
Capacitance
±10%
±10%
±10%
Tolerance
±20%
±20%
±20%
±20%
-20 +50%
-20 +50%
-20 +50%
-20 +50%
-20 +50%
Insulation Resistance (IR)
@ 500V
→≥ 10 GΩ
Dielectric Strength
NOTE: Charging
1.5 x V
R + 500 (DC)
current limited
Between leads and body insulation
to 50 mA
dV/dt test
up to 3.5 kV/µsec
Operating
Temperature
-40... +125ºC
Range (ºC)
Climatic
30 / 85 / 56 Epoxy Coated
Category
Max. Temp. rise on
Measured at
the external surface
20mm from
of the capacitor
the capacitor
related to ambient
PERFORMANCE CHARACTERISTICS
Tamb
celsius
20 mm
Tmax
celsius
Tmax. = Tamb + 20ºC
6L
Product Code
S
Voltage
102
Capacitance
K
Tolerance
A
Lead
Forming
F
Capacitor
Diameter
C
Finishing
A
Packaging
HOW TO ORDER


Similar Description - 6LS102KAFCA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL0703-624-73-MS ETC2-RL0703-624-73-MS Datasheet
113Kb / 1P
EPOXY COATED THERMISTOR
logo
RCD COMPONENTS INC.
AL05Y-R10-KBW RCD-AL05Y-R10-KBW Datasheet
62Kb / 1P
EPOXY COATED INDUCTORS
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
Ceramic Disc Capacitors
logo
MERITEK ELECTRONICS COR...
AD10CG104Z500AR MERITEK-AD10CG104Z500AR Datasheet
155Kb / 2P
Axial Leaded, Epoxy Coated, Multilayer Ceramic Capacitors
logo
Vishay Siliconix
VY1222M47Y5UQ63V0 VISHAY-VY1222M47Y5UQ63V0 Datasheet
133Kb / 6P
Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
15-Oct-09
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
Ceramic Disc Capacitors
logo
Surge Components
SEM SURGE-SEM Datasheet
136Kb / 1P
EPOXY COATED, INDUCTIVE, FILM CAPACITORS, RADIAL LEADS
logo
Vishay Siliconix
440L VISHAY-440L_18 Datasheet
174Kb / 5P
AC Line Rated Ceramic Disc Capacitors
29-Mar-18
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
Ceramic Disc Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com