Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS4560PA Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PBSS4560PA
Description  60 V, 6 A NPN low VCEsat (BISS) transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4560PA Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PBSS4560PA Datasheet HTML 5Page - NXP Semiconductors PBSS4560PA Datasheet HTML 6Page - NXP Semiconductors PBSS4560PA Datasheet HTML 7Page - NXP Semiconductors PBSS4560PA Datasheet HTML 8Page - NXP Semiconductors PBSS4560PA Datasheet HTML 9Page - NXP Semiconductors PBSS4560PA Datasheet HTML 10Page - NXP Semiconductors PBSS4560PA Datasheet HTML 11Page - NXP Semiconductors PBSS4560PA Datasheet HTML 12Page - NXP Semiconductors PBSS4560PA Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PBSS4560PA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 19 May 2010
9 of 15
NXP Semiconductors
PBSS4560PA
60 V, 6 A NPN low VCEsat (BISS) transistor
8.
Test information
Fig 14. BISS transistor switching time definition
VCC =9V; IC =2A; IBon =0.1 A; IBoff = −0.1 A
Fig 15. Test circuit for switching times
006aaa003
IBon (100 %)
IB
input pulse
(idealized waveform)
IBoff
90 %
10 %
IC (100 %)
IC
td
ton
90 %
10 %
tr
output pulse
(idealized waveform)
tf
t
ts
toff
RC
R2
R1
DUT
mlb826
Vo
RB
(probe)
450
Ω
(probe)
450
Ω
oscilloscope
oscilloscope
VBB
VI
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com