Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCA8X0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # SCA8X0
Description  The purpose of SCA8X0/21X0/3100 PWB is to enable fast prototyping.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCA8X0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  SCA8X0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SCA8X0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SCA8X0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SCA8X0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SCA8X0/21X0/3100 PWB
Specification
Murata Electronics Oy
2/4
www.muratamems.fi
Doc.Nr. 8269500A.02
Rev.A.02
1
Introduction
The purpose of SCA8X0/21X0/3100 PWB is to enable fast prototyping.
SCA8X0/21X0/3100 PWB includes
SCA3100, SCA21X0 or SCA8X0 sensor soldered on PWB
PWB version A: design # VTI29495A0 with pin headers
Connectors and passive components
Refer
to
"SCA8x0_21x0_3100_product_family_specification_82_694_00C"
when
using
the
SCA8X0/21X0/3100 PWB.
2
SCA8X0/21X0/3100 PWB
Detailed BOM of SCA8X0/21X0/3100 PWB version A is presented in Table 1 below.
Table 1. BOM of SCA8X0/21X0/3100 PWB version A.
Item
Qty
Ref
Part Name / type
Value
1
2
C1,C3
Capacitor / 0603
100 nF
2
1
J1
8-pin through hole pin header, pitch 100 mils
3
1
J2
7-pin through hole pin header, pitch 100 mils
4
1
SCA8X0/21X0/3100
SCA8X0, SCA21X0 or SCA3100 sensor
5
1
PWB (VTI29495A0) / FR4, thickness 1,6 mm,
size 20,0
 23,0 mm
Detailed pictures of SCA8X0/21X0/3100 PWB are presented in following pages:
Circuit diagram
PWB layout
Assembly drawings



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com