Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7574IDGS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7574IDGS
Description  QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7574IDGS Datasheet(HTML) 1 Page - Texas Instruments

  DAC7574IDGS Datasheet HTML 1Page - Texas Instruments DAC7574IDGS Datasheet HTML 2Page - Texas Instruments DAC7574IDGS Datasheet HTML 3Page - Texas Instruments DAC7574IDGS Datasheet HTML 4Page - Texas Instruments DAC7574IDGS Datasheet HTML 5Page - Texas Instruments DAC7574IDGS Datasheet HTML 6Page - Texas Instruments DAC7574IDGS Datasheet HTML 7Page - Texas Instruments DAC7574IDGS Datasheet HTML 8Page - Texas Instruments DAC7574IDGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
www.ti.com
Resistor
Network
8
14
Data
Buffer A
DAC
Register A
Data
Buffer D
DAC
Register D
DAC A
DAC D
Buffer
Control
Register
Control
Power-Down
Control Logic
VOUTA
VOUTB
VOUTC
VOUTD
A0
A1
GND
I2C Block
SCL
SDA
VDD
DAC7574
SLAS375 – JUNE 2003
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT,
I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
FEATURES
DESCRIPTION
•
Micropower Operation: 600 µA at 5 V VDD
The DAC7574 is a low-power, quad channel, 12-bit
•
Power-On Reset to Zero
buffered voltage output DAC. Its on-chip precision out-
put amplifier allows rail-to-rail output swing to be
•
+2.7 V to +5.5 V Analog Power Supply
achieved. The DAC7574 utilizes an I2C compatible two
•
12-Bit Monotonic
wire serial interface supporting high-speed interface
•
I2C™ Interface Up to 3.4 Mbps
mode with address support of up to four DAC7574s for
a total of 16 channels on the bus.
•
Data Transmit Capability
•
On-Chip Output Buffer Amplifier, Rail-to-Rail
The DAC7574 uses VDD and GND to set the output
Operation
range of the DAC. The DAC7574 incorporates a
•
Double-Buffered Input Register
power-on-reset circuit that ensures that the DAC output
powers up at zero volts and remains there until a valid
•
Address Support for up to Four DAC7574s
write takes place to the device. The DAC7574 contains
•
Synchronous Update Support for up to 16
a power-down feature, accessed via the internal control
Channels
register, that reduces the current consumption of the
•
Operation From -40
°C to 105°C
device to 200 nA at 5 V.
•
Small 10 Lead MSOP Package
The low power consumption of this part in normal
operation makes it ideally suited to portable battery
APPLICATIONS
operated equipment. The power consumption is less
•
Process Control
than 3mW at VDD = 5 V reducing to 1 µW in power-down
mode.
•
Data Acquisition Systems
The DAC7574 is available in a 10-lead MSOP package.
•
Closed-Loop Servo Control
•
PC Peripherals
•
Portable Instrumentation
I2C is a trademark of Philips Corporation.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003, Texas Instruments Incorporated
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily in-
clude testing of all parameters.


Similar Part No. - DAC7574IDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7574IDGS TI-DAC7574IDGS Datasheet
783Kb / 31P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574IDGS TI2-DAC7574IDGS Datasheet
1Mb / 35P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
JUNE 2003
DAC7574IDGS.B TI2-DAC7574IDGS.B Datasheet
1Mb / 35P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
JUNE 2003
DAC7574IDGSG4 TI2-DAC7574IDGSG4 Datasheet
1Mb / 35P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
JUNE 2003
DAC7574IDGSR TI2-DAC7574IDGSR Datasheet
1Mb / 35P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
JUNE 2003
More results

Similar Description - DAC7574IDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8571 TI-DAC8571 Datasheet
687Kb / 1P
16-BIT, LOW POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7573 TI-DAC7573 Datasheet
766Kb / 30P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC8574 TI-DAC8574 Datasheet
949Kb / 1P
QUAD, 16-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574 TI-DAC7574 Datasheet
783Kb / 31P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6573 TI-DAC6573 Datasheet
623Kb / 31P
QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
DAC5574 TI-DAC5574 Datasheet
519Kb / 30P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Texas Instruments
DAC5574 TI1-DAC5574 Datasheet
719Kb / 32P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
DAC7573 TI1-DAC7573_16 Datasheet
1Mb / 35P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT INTERFACE DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com