Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7573IPW Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7573IPW
Description  This document contains the following chapters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7573IPW Datasheet(HTML) 24 Page - Texas Instruments

Back Button DAC7573IPW Datasheet HTML 18Page - Texas Instruments DAC7573IPW Datasheet HTML 19Page - Texas Instruments DAC7573IPW Datasheet HTML 20Page - Texas Instruments DAC7573IPW Datasheet HTML 21Page - Texas Instruments DAC7573IPW Datasheet HTML 22Page - Texas Instruments DAC7573IPW Datasheet HTML 23Page - Texas Instruments DAC7573IPW Datasheet HTML 24Page - Texas Instruments DAC7573IPW Datasheet HTML 25Page - Texas Instruments DAC7573IPW Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Jumper Setting
3-6
3.5
Jumper Setting
Table 3 - 6 shows the function of each specific jumper setting of the EVM.
Table 3 - 6. Jumper Setting Function
Reference
Jumper
Setting
Function
W1
1
3
5 - V analog supply is selected for AVDD.
W1
1
3
+3.3 - V analog supply is selected for AVDD.
W2
1
3
Routes VOUTA to J4-2
W2
1
3
Routes VOUTA to J4-10
W3
Disconnects VREFH to the inverting input of output op amp U2.
W3
Connects VREFH to the inverting input of output op amp U2.
W4
1
3
Routes the adjustable, buffered, onboard 5-V reference to the VREFH input of the
DACx573.
W4
1
3
Routes the user supplied reference from TP1 or J4 - 20 to the VREFH input of the
DACx573.
W5
1
3
Negative supply rail of the output op amp U2 is powered by VSS for bipolar operation.
W5
1
3
Negative supply rail of the output op amp U2 is tied to AGND for unipolar operation.
W6
1
3
VREFL is tied to AGND.
W6
1
3
Routes the user-supplied negative reference from TP2 or J4 - 18 to the VREFL input of
the DACx573. This voltage must be within the range of 0V to VREFH.
W7
A0 is set high through pullup-resistor R4. A0 can be driven by GPIO5.
W7
A0 is set low.
W8
A1 is set high through pullup-resistor R3. A1 can be driven by GPIO4.
W8
A1 is set low.
W9
A3 is set high through pullup-resistor R2. A3 can be driven by GPIO1.
W9
LDAC pin is set low and DAC update is accomplished via software.
W10
A2 is set high through pullup-resistor R1. A2 can be driven by GPIO3.
W10
A2 pin is set low.
W11
1
3
Routes VOUTB to J4-4
W11
1
3
Routes VOUTB to J4-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com