Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5682 Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC5682
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC5682 Datasheet HTML 17Page - Texas Instruments DAC5682 Datasheet HTML 18Page - Texas Instruments DAC5682 Datasheet HTML 19Page - Texas Instruments DAC5682 Datasheet HTML 20Page - Texas Instruments DAC5682 Datasheet HTML 21Page - Texas Instruments DAC5682 Datasheet HTML 22Page - Texas Instruments DAC5682 Datasheet HTML 23Page - Texas Instruments DAC5682 Datasheet HTML 24Page - Texas Instruments DAC5682 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
GC5330
GC5337
www.ti.com
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
RX ADC Formatter
There are three ADC input ports: two 15-pair LVDS ports (referred to as ports A and B) and one 8-pair LVDS
port (referred to as port C and typically used for the DPD feedback path). Depending on the ADCs selected,
these three ports can accommodate up to 17 ADCs (e.g., using two octals and a single). The formatter block can
route any port to either the capture buffer block or the RX signal processing blocks. The pin connections for the
ADCs are shown in Table 6.
The GC533x works seamlessly with the following TI ADCs.
Single: 5400, 12-bit, 1 GSPS, may need special routing on the PCB.
5463, 12-bit, 500 MSPS, may need clock-to-data-skew special routing on the PCB.
54RF63, 12-bit, 550 MSPS, may need clock-to-data-skew special routing on the PCB.
5474, 14-bit, 400 MSPS, may need clock clock-to-data-skew special routing on the PCB.
5493, 16-bit, 130 MSPS
548x, 16-bit, 80-200 MSPS
612x, 12-bit, 65
–250 MSPS
614x, 14-bit, 65-250 MSPS
58B18, 11-bit, 200 MSPS
414x, 14-bit, 160
–250 MSPS
412x, 12-bit, 160
–250 MSPS
552x, 12-bit, 170
–210 MSPS
554x, 14-bit, 170
–210 MSPS
5517, 11-bit, 200 MSPS
Dual:
62c15, 11-bit, 125 MSPS
62c17, 11-bit, 200 MSPS
58c28, 11-bit, 200 MSPS
62p4x, 14-bit, 65-250 MSPS
62p2x, 12-bit, 65-250 MSPS
624x, 14-bit, 65-125 MSPS
622x, 12-bit, 65-125 MSPS
Quad:
642x, 12-bit, 65
–125 MSPS
644x, 14-bit, 65
–125 MSPS
Octal:
527x, 12-bit, 65 MSPS
528x, 12-bit, 65 MSPS
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com