Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575HV Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM2575HV
Description  LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2575HV Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM2575HV Datasheet HTML 18Page - Texas Instruments LM2575HV Datasheet HTML 19Page - Texas Instruments LM2575HV Datasheet HTML 20Page - Texas Instruments LM2575HV Datasheet HTML 21Page - Texas Instruments LM2575HV Datasheet HTML 22Page - Texas Instruments LM2575HV Datasheet HTML 23Page - Texas Instruments LM2575HV Datasheet HTML 24Page - Texas Instruments LM2575HV Datasheet HTML 25Page - Texas Instruments LM2575HV Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
LM2575-12
2
4
1
3
5
+
1N5817
+
COUT
1000 PF
Feedback
Output
VIN
CIN
100 PF
GND
150 PH
VOUT = -12V
-VIN
-5V to -12V
Low ESR
ON/OFF
LM1575, LM2575-N, LM2575HV
SNVS106E – MAY 1999 – REVISED APRIL 2013
www.ti.com
Typical Load Current
200 mA for VIN = −5.2V
500 mA for VIN = −7V
Pin numbers are for TO-220 package.
Figure 33. Negative Boost
UNDERVOLTAGE LOCKOUT
In some applications it is desirable to keep the regulator off until the input voltage reaches a certain threshold. An
undervoltage lockout circuit which accomplishes this task is shown in Figure 34, while Figure 35 shows the same
circuit applied to a buck-boost configuration. These circuits keep the regulator off until the input voltage reaches
a predetermined level.
VTH ≈ VZ1 + 2VBE (Q1)
(16)
DELAYED STARTUP
The ON /OFF pin can be used to provide a delayed startup feature as shown in Figure 36. With an input voltage
of 20V and for the part values shown, the circuit provides approximately 10 ms of delay time before the circuit
begins switching. Increasing the RC time constant can provide longer delay times. But excessively large RC time
constants can cause problems with input voltages that are high in 60 Hz or 120 Hz ripple, by coupling the ripple
into the ON /OFF pin.
ADJUSTABLE OUTPUT, LOW-RIPPLE
POWER SUPPLY
A 1A power supply that features an adjustable output voltage is shown in Figure 37. An additional L-C filter that
reduces the output ripple by a factor of 10 or more is included in this circuit.
22
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM1575 LM2575-N LM2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com