Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY228TAP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BY228TAP
Description  Standard Avalanche Sinterglass Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY228TAP Datasheet(HTML) 1 Page - Vishay Siliconix

  BY228TAP Datasheet HTML 1Page - Vishay Siliconix BY228TAP Datasheet HTML 2Page - Vishay Siliconix BY228TAP Datasheet HTML 3Page - Vishay Siliconix BY228TAP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BY228
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 12-Sep-12
1
Document Number: 86003
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Standard Avalanche Sinterglass Diode
MECHANICAL DATA
Case: SOD-64
Terminals: plated axial leads, solderable per MIL-STD-750,
method 2026
Polarity: color band denotes cathode end
Mounting position: any
Weight: approx. 858 mg
FEATURES
• Glass passivated junction
• Hermetically sealed package
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• High voltage rectification
• Efficiency diode in horizontal deflection circuit
949588
ORDERING INFORMATION (Example)
DEVICE NAME
ORDERING CODE
TAPED UNITS
MINIMUM ORDER QUANTITY
BY228
BY228TR
2500 per 10" tape and reel
12 500
BY228
BY228TAP
2500 per ammopack
12 500
PARTS TABLE
PART
TYPE DIFFERENTIATION
PACKAGE
BY228
VR = 1500 V; IF(AV) = 3 A
SOD-64
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Reverse voltage
See electrical characteristics
BY228
VR
1500
V
Repetitive peak reverse voltage
lR = 100 μA
VRRM
1650
V
Peak forward surge current
tp = 10 ms, half sine wave
IFSM
50
A
Average forward current
IF(AV)
3A
Junction temperature
Tj
140
°C
Storage temperature range
Tstg
- 55 to + 175
°C
Non repetitive reverse avalanche energy
l(BR)R = 0.4 A
ER
10
mJ
MAXIMUM THERMAL RESISTANCE (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Junction ambient
On PC board with spacing 25 mm
RthJA
70
K/W


Similar Part No. - BY228TAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY228TR VISHAY-BY228TR Datasheet
111Kb / 4P
Standard Avalanche Sinterglass Diode
12-Sep-12
More results

Similar Description - BY228TAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY228 VISHAY-BY228_10 Datasheet
102Kb / 4P
Standard Avalanche Sinterglass Diode
09-Aug-10
BY527 VISHAY-BY527_10 Datasheet
120Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
BYT51A VISHAY-BYT51A_10 Datasheet
113Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
BYW82 VISHAY-BYW82_10 Datasheet
108Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
S330D VISHAY-S330D_10 Datasheet
114Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
logo
Shenzhen Luguang Electr...
BY228 LUGUANG-BY228 Datasheet
211Kb / 3P
Standard Avalanche Sinterglass Diode
logo
Vishay Siliconix
1348380 VISHAY-1348380 Datasheet
120Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
1N5059 VISHAY-1N5059_15 Datasheet
130Kb / 5P
Standard Avalanche Sinterglass Diode
12-Sep-12
BY527 VISHAY-BY527_V01 Datasheet
139Kb / 4P
Standard Avalanche Sinterglass Diode
20-Feb-18
BYT62 VISHAY-BYT62_V01 Datasheet
155Kb / 5P
Standard Avalanche Sinterglass Diode
20-Feb-18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com