Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSA80C45HB Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSA80C45HB
Description  Rectifiers in switch mode power supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSA80C45HB Datasheet(HTML) 1 Page - IXYS Corporation

  DSA80C45HB Datasheet HTML 1Page - IXYS Corporation DSA80C45HB Datasheet HTML 2Page - IXYS Corporation DSA80C45HB Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DSA 80 C 45 HB
advanced
Schottky Diode
Symbol
Definition
R a t i n g s
Features / Advantages:
● Very low Vf
● Extremely low switching losses
● low Irm values
● Improved thermal behaviour
● High reliability circuit operation
● Low voltage peaks for reduced
protection circuits
● Low noise switching
typ.
max.
I
FSM
I
R
A
V
400
IFAV
A
V
F
0.78
RthJC
0.70 K/W
V
R =
1
2
3
min.
40
t = 10 ms
Applications:
● Rectifiers in switch mode power
supplies (SMPS)
● Free wheeling diode in low voltage
converters
VRRM
V
45
0.75
T
VJ
V°C
=
T
VJ
°C
=mA
7.5
Package:
Part number
V
R =
T
VJ =°C
I
F
=A
V
TC = 150°C
rectangular, d = 0.5
P
tot
215
W
TC
°C
=
T
VJ
175
°C
-55
V
I
RRM
FAV
=
=
45
40
40
T
VJ =45°C
DSA 80 C 45 HB
V
A
45
V
45
25
25
25
max. repetitive reverse voltage
reverse current
forward voltage
average forward current
thermal resistance junction to case
virtual junction temperature
total power dissipation
max. forward surge current
Conditions
Unit
0.98
TVJ
°C
=25
C
J
tbd
pF
junction capacitance
V=
V;
tbd
T
125
V
F0
V
0.42
T
VJ = 175°C
rF
5
Ω
f = 1 MHz
=
°C
25
m
V
0.67
TVJ =°C
IF =A
V
40
125
0.87
I
F
=A
80
IF =A
80
2x
threshold voltage
slope resistance
for power loss calculation only
Backside: cathode
(50 Hz), sine
V
F
=
0.67 V
● Housing:
High Performance Schottky Diode
Low Loss and Soft Recovery
Common Cathode
TO-247
●rIndustry standard outline
●rEpoxy meets UL 94V-0
●rRoHS compliant
R
VJ
µA
IXYS reserves the right to change limits, conditions and dimensions.
© 2007 IXYS all rights reserved
0629
Data according to IEC 60747and per diode unless otherwise specified


Similar Part No. - DSA80C45HB

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DSA80C45HB ISC-DSA80C45HB Datasheet
251Kb / 2P
Schottky Diode
More results

Similar Description - DSA80C45HB

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57153S0479M000 EPCOS-B57153S0479M000 Datasheet
62Kb / 3P
Switch-mode power supplies
B57235S0509M000 EPCOS-B57235S0509M000 Datasheet
62Kb / 3P
Switch-mode power supplies
B57236S0259M000 EPCOS-B57236S0259M000 Datasheet
62Kb / 3P
Switch-mode power supplies
B57236S0259L002 EPCOS-B57236S0259L002 Datasheet
64Kb / 3P
Switch-mode power supplies
B57364S0109M000 EPCOS-B57364S0109M000 Datasheet
55Kb / 3P
Switch-mode power supplies
B57464S0109M000 EPCOS-B57464S0109M000 Datasheet
62Kb / 3P
Switch-mode power supplies
logo
Kersemi Electronic Co.,...
MUR6040PT KERSEMI-MUR6040PT Datasheet
360Kb / 3P
Rectifiers in switch mode power supplies (SMPS)
MUR30120PT KERSEMI-MUR30120PT Datasheet
310Kb / 3P
Rectifiers in switch mode power supplies (SMPS)
logo
Sangdest Microelectroni...
SDURF1030 SMC-SDURF1030 Datasheet
146Kb / 5P
Rectifiers in switch mode power supplies
SURF1560 SMC-SURF1560 Datasheet
99Kb / 5P
Rectifiers in switch mode power supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com