Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX2372 Datasheet(PDF) 12 Page - International Rectifier

Part # MCR03EZPFX2372
Description  HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX2372 Datasheet(HTML) 12 Page - International Rectifier

Back Button MCR03EZPFX2372 Datasheet HTML 8Page - International Rectifier MCR03EZPFX2372 Datasheet HTML 9Page - International Rectifier MCR03EZPFX2372 Datasheet HTML 10Page - International Rectifier MCR03EZPFX2372 Datasheet HTML 11Page - International Rectifier MCR03EZPFX2372 Datasheet HTML 12Page - International Rectifier MCR03EZPFX2372 Datasheet HTML 13Page - International Rectifier MCR03EZPFX2372 Datasheet HTML 14Page - International Rectifier MCR03EZPFX2372 Datasheet HTML 15Page - International Rectifier MCR03EZPFX2372 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
12
IR3837MPbF
Rev 1.31
Thermal De-rating Curves
Test Conditions: Vin=12V, Vout=1.8V, Vcc/LDO_out=5.2V, Fs=600kHz, 0- 400LFM
L=0.51uH (59P9876N)
7
8
9
10
11
12
13
14
15
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature [°C]
0 LFM
100LFM
200LFM
300LFM
400LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com