Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX1002 Datasheet(PDF) 17 Page - International Rectifier

Part # MCR03EZPFX1002
Description  HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX1002 Datasheet(HTML) 17 Page - International Rectifier

Back Button MCR03EZPFX1002 Datasheet HTML 13Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 14Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 15Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 16Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 17Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 18Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 19Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 20Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
17
IR3838MPbF
Rev 1.41
TIMING DIAGRAM OF PGOOD FUNCTIONS
Fig.11 Non-sequence Startup and Vref Margin (Vp =Vcc)
Table 2. The required conditions to achieve simultaneous / ratiometric tracking and sequencing
operations with the circuit configuration of Fig. 8
R
E/RF >RC/RD
Ramp up from 0V
> 1.5V
Ratiometric Tracking
R
E/RF =RC/RD
Ramp up from 0V
> 1.5V
Simultaneous Tracking
R
A/RB >RE/RF > RC/RD
Ramp up from 0V
0.6V
Ratiometric Sequencing
R
A/RB > RE/RF =RC/RD
Ramp up from 0V
0.6V
Simultaneous Sequencing
-
> 1.5V
0.6V (Float)
Normal (Non-Sequencing,
Non-Tracking)
Required Condition
Vp
Vref (slave)
Operating Mode
R
E/RF >RC/RD
Ramp up from 0V
> 1.5V
Ratiometric Tracking
R
E/RF =RC/RD
Ramp up from 0V
> 1.5V
Simultaneous Tracking
R
A/RB >RE/RF > RC/RD
Ramp up from 0V
0.6V
Ratiometric Sequencing
R
A/RB > RE/RF =RC/RD
Ramp up from 0V
0.6V
Simultaneous Sequencing
-
> 1.5V
0.6V (Float)
Normal (Non-Sequencing,
Non-Tracking)
Required Condition
Vp
Vref (slave)
Operating Mode
Internal SS
0
0
0
0
Vref
PGood
256/Fs
Fb
0.7V
1.3V
2.0V
SSOK
256/Fs
0.6V
1.15*Vref
0.85*Vref
Power Good Output
The IC continually monitors the output voltage via
Feedback (Fb pin). The feedback voltage is
compared to a threshold. The threshold is set
differently at different operating modes and the
results of the comparison sets the PGood signal.
Figures 11, 12, and 13 show the timing diagram
of the PGood signal at different operating modes.
The PGood pin is open drain and it needs to be
externally pulled high. High state indicates that
output is in regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com