Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX1002 Datasheet(PDF) 22 Page - International Rectifier

Part # MCR03EZPFX1002
Description  HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX1002 Datasheet(HTML) 22 Page - International Rectifier

Back Button MCR03EZPFX1002 Datasheet HTML 18Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 19Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 20Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 21Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 22Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 23Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 24Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 25Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 26Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Rev 11.0
PD-97505
IR3840AMPbF
22
Tantalum
Ceramic
F
LC<Fo<FESR
Type III
Electrolytic
Tantalum
FLC<FESR<Fo<Fs/2
Type II
Output
Capacitor
F
ESR vs Fo
Compensator
Type
Tantalum
Ceramic
F
LC<Fo<FESR
Type III
Electrolytic
Tantalum
FLC<FESR<Fo<Fs/2
Type II
Output
Capacitor
F
ESR vs Fo
Compensator
Type
The compensation network has three poles and
two zeros and they are expressed as follows:
Cross over frequency is expressed as:
Fig.15. Type III Compensation network and
its asymptotic gain plot
(30)
..........
*
*
)
(
*
*
.....(29)
..........
..........
..........
..........
*
*
(28)
.....
..........
*
*
*
*
)
.......(27
..........
..........
..........
..........
*
*
......(26)
..........
..........
..........
..........
..........
..........
8
7
10
8
7
2
4
3
1
3
3
3
4
3
4
3
3
7
10
2
1
2
1
2
1
2
1
2
1
2
1
2
1
0
R
C
R
R
C
F
C
R
F
C
R
C
C
C
C
R
F
C
R
F
F
Z
Z
P
P
P
π
π
π
π
π
π
≅
+
=
=
≅
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
=
=
(31)
..
..........
..........
..........
*
*
*
*
*
o
o
osc
in
o
C
L
V
V
C
R
F
π
2
1
7
3
=
The
higher
the
crossover
frequency,
the
potentially faster the load transient response.
However, the crossover frequency should be low
enough to allow attenuation of switching noise.
Typically, the control loop bandwidth or crossover
frequency is selected such that
The DC gain should be large enough to provide
high DC-regulation accuracy. The phase margin
should be greater than 45o for overall stability.
For this design we have:
V
in=12V
V
o=1.8V
V
osc=1.8V
V
ref=0.7V
L
o=0.56uH
C
o=8x22uF, ESR=1.3mOhm each
It must be noted here that the value of the
capacitance used in the compensator design
must be the small signal value. For instance, the
small signal capacitance of the 22uF capacitor
used in this design is 12uF at 1.8 V DC bias and
600 kHz frequency. It is this value that must be
used for all computations related to the
compensation. The small signal value may be
obtained from the manufacturer’s datasheets,
design tools or SPICE models. Alternatively, they
may also be inferred from measuring the power
stage transfer function of the converter and
measuring the double pole frequency F
LC and
using equation (16) to compute the small signal
C
o.
These result to:
F
LC=21.71 kHz
F
ESR=4.4 MHz
F
s/2=300 kHz
Select crossover frequency: F
o=100 kHz
Since F
LC<Fo<Fs/2<FESR, TypeIII is selected to
place the pole and zeros.
(
)
s
o
F
F
*
1/10
~
1/5
≤
Based on the frequency of the zero generated by
the output capacitor and its ESR, relative to
crossover frequency, the compensation type can
be different. The table below shows the
compensation
types
and
location
of
the
crossover frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com