Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX2321 Datasheet(PDF) 1 Page - International Rectifier

Part # MCR03EZPFX2321
Description  HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX2321 Datasheet(HTML) 1 Page - International Rectifier

  MCR03EZPFX2321 Datasheet HTML 1Page - International Rectifier MCR03EZPFX2321 Datasheet HTML 2Page - International Rectifier MCR03EZPFX2321 Datasheet HTML 3Page - International Rectifier MCR03EZPFX2321 Datasheet HTML 4Page - International Rectifier MCR03EZPFX2321 Datasheet HTML 5Page - International Rectifier MCR03EZPFX2321 Datasheet HTML 6Page - International Rectifier MCR03EZPFX2321 Datasheet HTML 7Page - International Rectifier MCR03EZPFX2321 Datasheet HTML 8Page - International Rectifier MCR03EZPFX2321 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Rev 11.0
PD-97505
IR3840AMPbF
1
Features
•
Greater than 96% Maximum Efficiency
•
Wide Input Voltage Range 1.5V to 16V
•
Wide Output Voltage Range 0.7V to 0.9*Vin
•
Continuous 14A Load Capability
•
Integrated Bootstrap-diode
•
High Bandwidth E/A for excellent transient
performance
•
Programmable Switching Frequency up to 1.0MHz
•
Programmable Over Current Protection
•
PGood output
•
Hiccup Current Limit
•
Precision Reference Voltage (0.7V, +/-1%)
•
Programmable Soft-Start
•
Enable Input with Voltage Monitoring Capability
•
Enhanced Pre-Bias Start-up
•
Seq input for Tracking applications
•
-40oC to 125oC operating junction temperature
•
Thermal Protection
•
Pin compatible option for 4A, 8A and 12A devices
•
5mm x 6mm Power QFN package, 0.9 mm height
•
Lead-free, halogen-free and RoHS compliant
Applications
•
Server Applications
•
Storage Applications
•
Embedded Telecom Systems
Fig. 1. Typical application diagram
Description
The IR3840A SupIRBuckTM is an easy-to-use,
fully integrated and highly efficient DC/DC
synchronous Buck regulator. The MOSFETs co-
packaged with the on-chip PWM controller make
IR3840A a space-efficient solution, providing
accurate power delivery for low output voltage
applications.
IR3840A is a versatile regulator which offers
programmability of start up time, switching
frequency and current limit while operating in
wide input and output voltage range.
The switching frequency is programmable from
250kHz to 1.0MHz for an optimum solution.
It also features important protection functions,
such as Pre-Bias startup, hiccup current limit and
thermal shutdown to give required system level
security in the event of fault conditions.
HIGHLY EFFICIENT
INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
SupIRBuckTM
Boot
Vcc
Fb
Comp
Gnd
PGnd
SW
OCSet
SS/ SD
4.5V <Vcc<5.5V
Vo
PGood
PGood
Enable
Rt
1.5V <Vin<16V
Vin
Seq
•
Distributed Point of Load Power Architectures
•
Netcom Applications
•
Computing Peripheral Voltage Regulators
•
General DC-DC Converters


Similar Part No. - MCR03EZPFX2321

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MCR03EZPFX2372 IRF-MCR03EZPFX2372 Datasheet
1Mb / 36P
HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
MCR03EZPFX2372 IRF-MCR03EZPFX2372 Datasheet
1Mb / 35P
HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
MCR03EZPFX2372 IRF-MCR03EZPFX2372 Datasheet
793Kb / 34P
HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
MCR03EZPFX2372 IRF-MCR03EZPFX2372 Datasheet
776Kb / 34P
HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
MCR03EZPFX2372 IRF-MCR03EZPFX2372 Datasheet
760Kb / 34P
HIGHLY EFFICIENT INTEGRATED 6A SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - MCR03EZPFX2321

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3841WMPBF IRF-IR3841WMPBF Datasheet
757Kb / 34P
HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3841MPBF IRF-IR3841MPBF Datasheet
919Kb / 32P
HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF_12 Datasheet
758Kb / 34P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3843WMPBF IRF-IR3843WMPBF_12 Datasheet
750Kb / 34P
HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
IR3840AM IRF-IR3840AM_15 Datasheet
770Kb / 34P
HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3842M IRF-IR3842M_15 Datasheet
921Kb / 32P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3843AM IRF-IR3843AM_15 Datasheet
739Kb / 33P
HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3859M IRF-IR3859M_15 Datasheet
978Kb / 35P
HIGHLY EFFICIENT INTEGRATED 9A, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com