Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX2001 Datasheet(PDF) 10 Page - International Rectifier

Part # MCR03EZPFX2001
Description  HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX2001 Datasheet(HTML) 10 Page - International Rectifier

Back Button MCR03EZPFX2001 Datasheet HTML 6Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 7Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 8Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 9Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 10Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 11Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 12Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 13Page - International Rectifier MCR03EZPFX2001 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
10
IR3838MPbF
Rev 1.41
Vcc(UVLO) Stop
3.76
3.81
3.86
3.91
3.96
4.01
4.06
4.11
4.16
-40
-20
0
20
40
60
80
100
120
140
Temp [ºC]
Iin(Dyn)
11.5
11.7
11.9
12.1
12.3
12.5
-40
-20
0
20
40
60
80
100
120
140
Temp [ºC]
TYPICAL OPERATING CHARACTERISTICS (-40oC - 125oC), F
s=500 kHz
Iin(Standby)
160
180
200
220
240
260
280
300
320
340
360
380
400
-40
-20
0
20
40
60
80
100
120
140
Temp [ºC]
FREQUENCY
450
460
470
480
490
500
510
520
530
540
550
-40
-20
0
20
40
60
80
100
120
140
Temp [ºC]
IOCSET(500kHz)
21.5
22.5
23.5
24.5
25.5
26.5
27.5
-40
-20
0
20
406080
100
120
140
Temp [ºC]
Vcc(UVLO) Start
4.06
4.11
4.16
4.21
4.26
4.31
4.36
4.41
4.46
-40
-20
0
20
40
60
80
100
120
140
Temp [ºC]
Enable(UVLO) Start
1.14
1.16
1.18
1.20
1.22
1.24
1.26
1.28
1.30
1.32
1.34
1.36
-40
-20
0
20406080
100
120
140
Temp [ºC]
Enable(UVLO) Stop
0.75
0.77
0.79
0.81
0.83
0.85
0.87
0.89
0.91
0.93
0.95
-40
-20
0
20406080
100
120
140
Temp [ºC]
Vcc_LDO
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
5.7
-40
-20
0
20
40
60
80
100
120
140
Temp [ºC]
Vfb
0.588
0.592
0.596
0.600
0.604
0.608
0.612
-40
-20
0
20
40
60
80
100
120
140
Temp [ºC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com