Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX1002 Datasheet(PDF) 15 Page - International Rectifier

Part # MCR03EZPFX1002
Description  HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX1002 Datasheet(HTML) 15 Page - International Rectifier

Back Button MCR03EZPFX1002 Datasheet HTML 11Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 12Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 13Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 14Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 15Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 16Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 17Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 18Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Rev 8.0
15
PD-97658
IR3841WMPbF
Power Good Output
The IC continually monitors the output voltage via
Feedback (Fb pin). The feedback voltage forms
an input to a window comparator whose upper
and lower thresholds are 0.805V and 0.595V
respectively. Hence, the Power Good signal is
flagged when the Fb pin voltage is within the
PGood window, i. e. between 0.595V to 0.805V,
as shown in Fig .9. The PGood pin is open drain
and it needs to be externally pulled high. High
state indicates that output is in regulation. Fig. 9a
shows the PGood timing diagram for non-
tracking operation. In this case, during startup,
PGood goes high after the SS voltage reaches
2.1V if the Fb voltage is within the PGood
comparator window. Fig. 9a. and Fig 9.b. also
show a 256 cycle delay between the Fb voltage
entering within the thresholds defined by the
PGood window and PGood going high.
Thermal Shutdown
Temperature
sensing
is
provided
inside
IR3841W. The trip threshold is typically set to
140oC. When trip threshold is exceeded, thermal
shutdown
turns
off
both
MOSFETs
and
discharges the soft start capacitor.
Automatic restart is initiated when the sensed
temperature drops within the operating range.
There is a 20oC hysteresis in the thermal
shutdown threshold.
Fig. 8b. Application Circuit for Simultaneous
Sequencing
Simultaneous Powerup
Vo1
Vo2
Output Voltage Sequencing
The
IR3841W
can
accommodate
user
programmable sequencing options using Seq,
Enable and Power Good pins.
Boot
Vcc
Fb
Comp
Gnd
PGnd
SW
OCSet
SS/ SD
4.5V <Vcc<5.5V
Vo(slave)
PGood
PGood
Enable
Rt
1.5V <Vin<16V
Vin
Seq
Vo(master)
RC
RD
RE
RF
Fig. 8a. Simultaneous Power-up of the slave
with respect to the master.
Through these pins, voltage sequencing such as
simultaneous
and
sequential
can
be
implemented. Figure 8. shows simultaneous
sequencing
configurations.
In
simultaneous
power-up, the voltage at the Seq pin of the slave
reaches 0.7V before the Fb pin of the master. For
R
E/RF =RC/RD, therefore, the output voltage of
the slave follows that of the master until the
voltage at the Seq pin of the slave reaches 0.7 V.
After the voltage at the Seq pin of the slave
exceeds 0.85V, the internal 0.7V reference of
the slave dictates its output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com