Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6598 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6598
Description  High voltage resonant controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6598 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6598 Datasheet HTML 6Page - STMicroelectronics L6598 Datasheet HTML 7Page - STMicroelectronics L6598 Datasheet HTML 8Page - STMicroelectronics L6598 Datasheet HTML 9Page - STMicroelectronics L6598 Datasheet HTML 10Page - STMicroelectronics L6598 Datasheet HTML 11Page - STMicroelectronics L6598 Datasheet HTML 12Page - STMicroelectronics L6598 Datasheet HTML 13Page - STMicroelectronics L6598 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Block diagram description
L6598
10/24
Doc ID 6554 Rev 7
At the start-up (t = 0) the oscillator frequency is set by:
Equation 3
At the end of soft start (t = TSS) the second term of eq.1 decreases to zero and the switching
frequency is set only by Imin (i.e. Rfmin):
Equation 4
Since the second term of eq.1 is equal to zero, we have:
Equation 5
Note that there is not a fixed threshold of the voltage across CSS in which the soft start
finishes (i.e. the end of the frequency shifting), and TSS depends on CSS, Ifstart, gm, and ISS
(eq. 5). Making TSS independent of Ifstart, the ISS current has been designed to be a fraction
of Ifstart, so:
Equation 6
In this way the soft start time depends only on the capacitor CSS. The typical value of the kSS
constant (Soft start timing constant) is 0.15 s/
μF.
The current Iosc is fed to the oscillator as shown in fig. 7. It is twice mirrored (x4 and x8)
generating the triangular wave on the oscillator capacitor Cf. Referring to the internal
structure of the oscillator (fig.7), a good relationship to compute an approximate value of the
oscillator frequency in normal operation is:
Equation 7
I
OSC 0
() I
fmin
I
fstart
+
V
REF
1
R
fmin
--------------
1
R
fstart
----------------
+
⎝⎠
⎛⎞
=
=
I
OSC TSS
() I
fmin
V
REF
R
fmin
--------------
=
=
I
fstart
g
mIss
C
ss
--------------T
SS
–
0T
SS
C
ssIfstart
g
mIss
------------------------
=
→
=
I
SS
I
fstart
K
--------------
T
SS
C
ssIfstart
g
mIfstartK
--------------------------
T
SS
→
=
→
C
ss
g
mK
-----------
T
SS
k
SSCSS
–
→
==
f
min
1.41
R
fminCf
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com