Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCP1511DRL Datasheet(PDF) 5 Page - STMicroelectronics

Part # LCP1511DRL
Description  PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP1511DRL Datasheet(HTML) 5 Page - STMicroelectronics

  LCP1511DRL Datasheet HTML 1Page - STMicroelectronics LCP1511DRL Datasheet HTML 2Page - STMicroelectronics LCP1511DRL Datasheet HTML 3Page - STMicroelectronics LCP1511DRL Datasheet HTML 4Page - STMicroelectronics LCP1511DRL Datasheet HTML 5Page - STMicroelectronics LCP1511DRL Datasheet HTML 6Page - STMicroelectronics LCP1511DRL Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
LCP1511D
5/7
FUNCTIONAL DESCRIPTION
LINE A
LINE B
D
D
P
P
TIP
RING
-VBAT
1
1
2
2
C
LINE A PROTECTION :
– For positive surges versus GND, the diode D1
will conduct.
– For negative surges versus GND, the protection
device P1 will trigger at a voltage fixed by the
-VBAT reference.
LINE B PROTECTION :
– For surges on line B, the operating mode is the
same, D2 or P2 is activated.
It is recommended to add a capacitor (C=220nF)
close to the gate of the LCP, in order to speed up
the triggering.
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
0
1
2
3
4
5
6
7
8
9
10
I
(A)
TSM
F=50Hz
Tj initial=25°C
t(s)
Surge peak current versus overload duration.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com