Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA2058EXA Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA2058EXA
Description  TESEO™ GPS platform high-sensitivity baseband
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2058EXA Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA2058EXA Datasheet HTML 12Page - STMicroelectronics STA2058EXA Datasheet HTML 13Page - STMicroelectronics STA2058EXA Datasheet HTML 14Page - STMicroelectronics STA2058EXA Datasheet HTML 15Page - STMicroelectronics STA2058EXA Datasheet HTML 16Page - STMicroelectronics STA2058EXA Datasheet HTML 17Page - STMicroelectronics STA2058EXA Datasheet HTML 18Page - STMicroelectronics STA2058EXA Datasheet HTML 19Page - STMicroelectronics STA2058EXA Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Package information
STA2058
18/20
Figure 7.
LFBG144 mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.21
1.70
0.0476
0.0669
A1
0.21
0.0083
A2
1.12
0.0441
b
0.35
0.40
0.45
0.0138 0.0157 0.0177
D
9.85
10.0
10.15 0.3878 0.3937 0.3996
D1
8.80
0.3465
E
9.85
10.0
10.15 0.3878 0.3937 0.3996
E1
8.80
0.3465
e
0.80
0.0315
F
0.60
0.0236
ddd
0.10
0.0039
eee
0.15
0.0059
fff
0.08
0.0031
LFBGA144
Low Profile Fine Pitch Ball Grid Array
7163385 D
Body: 10 x 10 x 1.7mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com