Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA2901YFVC Datasheet(PDF) 13 Page - Rohm

Part # BA2901YFVC
Description  Automotive Ground Sense Comparators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2901YFVC Datasheet(HTML) 13 Page - Rohm

Back Button BA2901YFVC Datasheet HTML 9Page - Rohm BA2901YFVC Datasheet HTML 10Page - Rohm BA2901YFVC Datasheet HTML 11Page - Rohm BA2901YFVC Datasheet HTML 12Page - Rohm BA2901YFVC Datasheet HTML 13Page - Rohm BA2901YFVC Datasheet HTML 14Page - Rohm BA2901YFVC Datasheet HTML 15Page - Rohm BA2901YFVC Datasheet HTML 16Page - Rohm BA2901YFVC Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RFR1G200120-1-2
TSZ22111・15・001
13/29
11.Mar.2013 Rev.003
BA2903Yxxx-C, BA2901Yxx-C
Datasheet
○BA2901Yxx-C
(*)The data above is measurement value of typical sample, it is not guaranteed.
-8
-6
-4
-2
0
2
4
6
8
0
10203040
SUPPLY VOLTAGE [V]
Figure 29.
Maximum Output Voltage – Ambient Temperature
(Isink=4mA)
Figure 30.
Output Voltage – Output Sink Current
(VCC=5V)
Figure 31.
Output Sink Current – Ambient Temperature
(OUT=1.5V)
Figure 32.
Input Offset Voltage – Supply Voltage
0
0. 2
0. 4
0. 6
0. 8
1
1. 2
1. 4
1. 6
1. 8
2
0246
8
10
12
14
16
18
20
OUTPUT SINK CURRENT [mA]
0
10
20
30
40
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
25℃
125℃
-40℃
36V
5V
2V
25℃
125℃
-40℃
36V
5V
2V
0
50
100
150
200
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com