Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3472WFVC Datasheet(PDF) 23 Page - Rohm

Part # BA3472WFVC
Description  Automotive High Speed Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3472WFVC Datasheet(HTML) 23 Page - Rohm

Back Button BA3472WFVC Datasheet HTML 19Page - Rohm BA3472WFVC Datasheet HTML 20Page - Rohm BA3472WFVC Datasheet HTML 21Page - Rohm BA3472WFVC Datasheet HTML 22Page - Rohm BA3472WFVC Datasheet HTML 23Page - Rohm BA3472WFVC Datasheet HTML 24Page - Rohm BA3472WFVC Datasheet HTML 25Page - Rohm BA3472WFVC Datasheet HTML 26Page - Rohm BA3472WFVC Datasheet HTML 27Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200540-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
23/29
20.DEC.2012 Rev.002
TSZ22111・15・00
BA3472Yxxx-C, BA3474YFV-C, BA3472WFV-C, BA3474WFV-C
VH
VL
Δ t
ΔV
出力電圧波形
時間
電圧
Output Voltage Waveform
time
Input Voltage Waveform
time
VH
VL
Voltage
10%
90%
Voltage
Figure 49. Test Circuit 2 (each Op-Amp)
Figure 51. Test circuit 3(Channel Separation)
C
Figure 50. Slew rate input output wave
VCC
VEE
R1
V
R2
R1//R2
OUT1
=0.5[Vrms]
VIN
VCC
VEE
R1
V
R2
R1//R2
OUT2
OTHER
CH
CS=20×log
100×OUT1
OUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com