Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG45FC Datasheet(PDF) 19 Page - Intel Corporation

Part # DG45FC
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DG45FC Datasheet(HTML) 19 Page - Intel Corporation

Back Button DG45FC Datasheet HTML 15Page - Intel Corporation DG45FC Datasheet HTML 16Page - Intel Corporation DG45FC Datasheet HTML 17Page - Intel Corporation DG45FC Datasheet HTML 18Page - Intel Corporation DG45FC Datasheet HTML 19Page - Intel Corporation DG45FC Datasheet HTML 20Page - Intel Corporation DG45FC Datasheet HTML 21Page - Intel Corporation DG45FC Datasheet HTML 22Page - Intel Corporation DG45FC Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 88 page
background image
Product Description
19
1.6
Intel® G45 Express Chipset
The Intel G45 Express chipset consists of the following devices:
•
Intel 82G45 Graphics and Memory Controller Hub (GMCH) with Direct Media
Interface (DMI) interconnect
•
Intel 82801JR I/O Controller Hub (ICH10R)
The GMCH component provides interfaces to the CPU, memory, PCI Express, and the
DMI interconnect. The component also provides integrated graphics capabilities
supporting 3D, 2D, and display capabilities. The ICH10R is a centralized controller for
the board’s I/O paths.
The chipset supports the following features:
•
Onboard Graphics
•
Dynamic Video Memory Technology
•
USB
•
Serial ATA
For information about
Refer to
The Intel G45 Express chipset
http://www.intel.com/products/desktop/chipsets/index.htm
Resources used by the chipset
Chapter 2
1.6.1
Intel G45 Graphics Subsystem
The Intel G45 Express chipset contains the Intel Graphics Media Accelerator X4500HD
(Intel GMA X4500HD) graphics controller.
1.6.1.1
Intel® Graphics Media Accelerator X4500HD Graphics
Controller
The Intel GMA X4500HD graphics controller features the following:
•
High quality texture engine
⎯ DirectX10* and OpenGL* 2.0 compliant
⎯ Shader Model 4.0
•
3D Graphics Rendering enhancements
⎯ 1.6 dual texture GigaPixel/sec max fill rate
⎯ 16-bit and 32-bit color
⎯ Vertex cache
•
Video
⎯ Hi-Definition content at up to 1080p resolution
⎯ Dynamic Video Memory Technology (DVMT) 5.0 uses system memory
depending on the OS and the amount of memory installed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com