Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA4564RFVFVT-TR Datasheet(PDF) 27 Page - Rohm

Part # BA4564RFVFVT-TR
Description  Low Noise Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4564RFVFVT-TR Datasheet(HTML) 27 Page - Rohm

Back Button BA4564RFVFVT-TR Datasheet HTML 23Page - Rohm BA4564RFVFVT-TR Datasheet HTML 24Page - Rohm BA4564RFVFVT-TR Datasheet HTML 25Page - Rohm BA4564RFVFVT-TR Datasheet HTML 26Page - Rohm BA4564RFVFVT-TR Datasheet HTML 27Page - Rohm BA4564RFVFVT-TR Datasheet HTML 28Page - Rohm BA4564RFVFVT-TR Datasheet HTML 29Page - Rohm BA4564RFVFVT-TR Datasheet HTML 30Page - Rohm BA4564RFVFVT-TR Datasheet HTML 31Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
27/41
7.SEP.2012 Rev.002
TSZ22111・15・00
BA4560xxx, BA4560Rxxx, BA4564RFV, BA4564WFV
○BA4564R
(*)The above data is measurement value of typical sample, it is not guaranteed.
Fig.66
Maximum Output Voltage Swing – Frequency
(VCC/VEE=+15V/-15V, RL=2k
Ω, Ta=25℃)
0
5
10
15
20
25
30
1.E+01 1.E+02
1.E+03 1.E+04
1.E+05 1.E+06
FREQUENCY [Hz]
Fig.67
Voltage Gain - Frequency
(VCC/VEE=+15V/-15V, AV=40dB, RL=2k
Ω, Ta=25℃)
0
10
20
30
40
50
60
1.E+02 1.E+03 1. E+04 1.E+05 1.E+06 1.E+07
FREQUENCY [Hz]
-200
-170
-140
-110
-80
-50
-20
GAIN
PHASE
10
2
10
3
10
4
10
5
10
6
10
7
10
10
2
10
3
10
4
10
5
10
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com