Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C35 Datasheet(PDF) 45 Page - Altera Corporation

Part # EP2C35
Description  Package Information Datasheet for Mature Altera Devices
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35 Datasheet(HTML) 45 Page - Altera Corporation

Back Button EP2C35 Datasheet HTML 41Page - Altera Corporation EP2C35 Datasheet HTML 42Page - Altera Corporation EP2C35 Datasheet HTML 43Page - Altera Corporation EP2C35 Datasheet HTML 44Page - Altera Corporation EP2C35 Datasheet HTML 45Page - Altera Corporation EP2C35 Datasheet HTML 46Page - Altera Corporation EP2C35 Datasheet HTML 47Page - Altera Corporation EP2C35 Datasheet HTML 48Page - Altera Corporation EP2C35 Datasheet HTML 49Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 182 page
background image
Package Information Datasheet for Mature Altera Devices
45
© December 2011
Altera Corporation
Package Information Datasheet for Mature Altera Devices
8-Pin Plastic Dual In-Line Package (PDIP)—Wire Bond
■
All dimensions and tolerances conform to ASME Y14.5M - 1994.
■
Controlling dimension is in inches.
■
Pin 1 may be indicated by an ID dot, or a special feature, in its proximity on
package surface.
Package Information
Description
Specification
Ordering Code Reference
P
Package Acronym
PDIP
Leadframe Material
Copper
Lead Finish (Plating)
Regular: 85Sn:15Pb (Typ.)
Pb-free: Matte Sn
JEDEC Outline Reference
MS-001 Variation: BA
Lead Coplanarity
NA
Weight
0.6 g (Typ.)
Moisture Sensitivity Level
Printed on moisture barrier bag
Package Outline Dimension Table
Symbol
Inches
Min.
Nom.
Max.
A
—
—
0.170
A1
0.015
—
—
A2
0.130 TYP
D
0.360
—
0.380
E
0.300
0.310
0.325
E1
0.240
0.250
0.260
L
0.125
—
0.135
b
0.016
0.018
0.020
c
0.008
0.010
0.014
e
0.100 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com