Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2KBP005M Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # 2KBP005M
Description  Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

2KBP005M Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  2KBP005M Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 2KBP005M Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.yeashin.com
2
REV.02 20120305
2KBP005M THRU 2KBP10M
DEVICE CHARACTERISTICS
2.0
1.5
1.0
0
20
40
60
100
120
140
AMBIENT TEMPERATURE, ¢J
5
4
3
2
1
.9
.8
.7
.5
.3
.2
.1
.07
.05
.03
.02
.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TYPICAL
DISTRIBUTION
MEDIAN
INSTANTANEOUS FWD VOLTAGE, VOLTS
Fig. 1-DERATING CURVE FOR OUTPUT RECTIFIED
CURRENT
Fig. 2-TYPICAL FORWARD CHARACTERISTICS(25 ¢J)
10
1.0
.1
.01
0
20
40
60
80
100
120
140
T
A = 25¢J
TA = 100¢J
PERCENT OF PEAK REVERSE VOLTAGE
60
48
36
24
12
0
2
4
6
10
20
40
60
100
NUMBER OF CYCLES AT 60Hz
Fig. 3-TYPICAL REVERSE CHARACTERISTICS
Fig. 4-NON-RECURRENT SURGE RATING



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com