Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2401CDBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2401CDBVR
Description  FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2401CDBVR Datasheet(HTML) 4 Page - Texas Instruments

  TLV2401CDBVR Datasheet HTML 1Page - Texas Instruments TLV2401CDBVR Datasheet HTML 2Page - Texas Instruments TLV2401CDBVR Datasheet HTML 3Page - Texas Instruments TLV2401CDBVR Datasheet HTML 4Page - Texas Instruments TLV2401CDBVR Datasheet HTML 5Page - Texas Instruments TLV2401CDBVR Datasheet HTML 6Page - Texas Instruments TLV2401CDBVR Datasheet HTML 7Page - Texas Instruments TLV2401CDBVR Datasheet HTML 8Page - Texas Instruments TLV2401CDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TLV2401, TLV2402, TLV2404
FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
SLOS244B – FEBRUARY 2000 – REVISED NOVEMBER 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at recommended operating conditions, VCC = 2.7, 5 V, and 15 V (unless
otherwise noted)
dc performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = VCC/2 V,
25
°C
390
1200
µV
VIO
Input offset voltage
VO = VCC/2 V,
VIC = VCC/2 V,
Full range
1500
µV
αVIO
Offset voltage draft
RS = 50 Ω
25
°C
3
µV/°C
VCC =2 7V
25
°C
63
120
VCC = 2.7 V
Full range
60
CMRR
Common mode rejection ratio
VIC = 0 to VCC,
VCC =5V
25
°C
70
120
dB
CMRR
Common-mode rejection ratio
IC
CC,
RS = 50 Ω
VCC = 5 V
Full range
63
dB
VCC =15V
25
°C
80
120
VCC = 15 V
Full range
75
VCC =2 7V VO( ) =1V RL = 500 kΩ
25
°C
130
400
VCC = 2.7 V, VO(pp) = 1 V, RL = 500 kΩ
Full range
30
AVD
Large-signal differential voltage
VCC =5V
VO( ) =3V RL = 500 kΩ
25
°C
300
1000
V/mV
AVD
gg
g
amplification
VCC = 5 V,
VO(pp) = 3 V, RL = 500 kΩ
Full range
100
V/mV
VCC =15V
VO( ) =6V RL = 500 kΩ
25
°C
1000
1800
VCC = 15 V,
VO(pp) = 6 V, RL = 500 kΩ
Full range
120
† Full range is 0
°C to 70°C for the C suffix and –40°C to 125°C for the I suffix. If not specified, full range is –40°C to 125°C.
input characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
25
°C
25
250
IIO
Input offset current
TLV240xC
Full range
300
pA
VO = VCC/2 V,
VIC VCC/2 V
TLV240xI
Full range
400
VIC = VCC/2 V,
RS = 50 Ω
25
°C
100
300
IIB
Input bias current
RS = 50 Ω
TLV240xC
Full range
350
pA
TLV240xI
Full range
900
ri(d)
Differential input resistance
25
°C
300
M
Ω
Ci(c)
Common-mode input capacitance
f = 100 kHz
25
°C
3
pF
† Full range is 0
°C to 70°C for the C suffix and –40°C to 125°C for the I suffix. If not specified, full range is –40°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com