Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL5000 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPL5000
Description  TPL5000 Nano Power Programmable Timer with Watchdog Functionality
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPL5000 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPL5000 Datasheet HTML 5Page - Texas Instruments TPL5000 Datasheet HTML 6Page - Texas Instruments TPL5000 Datasheet HTML 7Page - Texas Instruments TPL5000 Datasheet HTML 8Page - Texas Instruments TPL5000 Datasheet HTML 9Page - Texas Instruments TPL5000 Datasheet HTML 10Page - Texas Instruments TPL5000 Datasheet HTML 11Page - Texas Instruments TPL5000 Datasheet HTML 12Page - Texas Instruments TPL5000 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
RSTn
TCAL
WAKE
DONE
INT. OSC.
PGOOD
A
B
C
D
TPL5000
www.ti.com
SNAS628A – JULY 2013 – REVISED JULY 2013
Figure 4. Timing PGOOD, WAKE, RSTn, TCAL
Watchdog Feature
Most of the µC based systems need to be self-reliant; if the software hangs for any reason, the µC must be
reset. The TPL5000 can provide this functionality by connecting a µC programmable output pin to the DONE
input pin. If the DONE line does not toggle within the selected delay period, then the µC is not operating properly
and must be reset.
The TPL5000 recognizes a valid DONE signal as a low to high transition; if two DONE signlas are received
within the delay period the second signal is ignored.
In the TPL5000, the watchdog window and the delay period are equivalent. A valid "DONE" signal resets the
watchdog counter only, and not the delay time counter. A PGOOD low to high transition clears both the
watchdog and delay time counters.
Figure 5 shows the watchdog feature of the TPL5000. The sequence A, B, C is a standard sequence with the µC
working properly. In this normal sequence, the µC sends a valid "DONE" (arrow B) before the end of the delay
period. The sequence C, D ,E is an anomalous sequence in which the µC is not in a valid state, and it does not
send the DONE signal (dashed pulse) before the end of the delay period. The TPL5000 determines the µC is
hung and sends a RESET signal (arrow E) when the period delay has elapsed.
Supervisor Feature
A critical event that can corrupt the memory of a µC is a voltage supply drop (supply lower than minimum
operating range), and a reset of the µC is mandatory if this occurs. Since the TPL5000 is the right choice in
systems which stay most of the time in deep sleep, due to its ultra low power consumption, it is fundamental that
it takes into account the voltage drop events.
The TPL5000 implements a supervisory functionality when working with some power management ICs which
indicate the status of the supply voltage with a power good or battery good output. The supervisory functionality
is enabled by simply connecting the Battery management power good output to the TPL5000 PGOOD pin. If this
feature is not used connect the PGOOD pin to VDD.
In case the power management IC detects a voltage drop, lowering the PGOOD line, while the µC is in deep
sleep mode (in which internal supervisors are usually off), the TPL5000 internally latches that event, and when
the PGOOD returns to high, it sends out a RESET signal to the µC at the end of the elapsed delay period.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPL5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com