Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FVT-2201 Datasheet(PDF) 2 Page - Level One

Part # FVT-2201
Description  10/100BASE-TX to 100BASE-FX SMF SC Converter, 20km
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FVT-2201 Datasheet(HTML) 2 Page - Level One

  FVT-2201 Datasheet HTML 1Page - Level One FVT-2201 Datasheet HTML 2Page - Level One FVT-2201 Datasheet HTML 3Page - Level One FVT-2201 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
- Dip switches for customized configuration
- Supports low-time lag transmission
- Supports the transmission of extra-long packets up to 1.6KB
- -10°C ~ 55°C operating temperature range
정상 작동
CVH-2000
14-Slot Media Converter Chassis
FVT-2401
10/100BASE-TX to 100BASE-FX SMF SC Converter, 40km
제품사양
System Specifications
Connectors and Cabling:
Fiber Duplex SC (20km); RJ-45 Port CAT-5 Twisted Pair cable
Auto MDI/MDI-X (Max to 100m) and Auto-Negotiation
Wavelength(nm):
1310nm
Indicator:
PWR, TX (FDX, 100, Link/Act), FX (102, Link/Act)
Transmission Method:
Store and forward (Default)
Power:
DC 5V/1A
Standards & Protocols:
IEEE 802.3 10-BASE-T, Ethernet
IEEE 802.3u 100-BASE-TX, Fast Ethernet
IEEE 802.3ab 1000BASE-T, Gigabit Ethernet
IEEE 802.3x Flow Control (full-duplex flow control)
IEEE802.3z 1000Base-SX/LX,
Physical Specifications
Dimensions (W x D x H mm):
71 x 94 x 26 mm
Weight (g):
420 g
Performance
Operating Distance:
20 km
Features
www.level1.com
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com