Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117 Datasheet(PDF) 11 Page - HTC Korea TAEJIN Technology Co.

Part # LM1117
Description  1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1117 Datasheet(HTML) 11 Page - HTC Korea TAEJIN Technology Co.

Back Button LM1117 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co. LM1117 Datasheet HTML 12Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
1A L.D.O VOLTAGE REGULATOR
LM1117
Mar. 2013 Rev. 1.22
- 11 -
HTC
TYPICAL OPERATING CHARACTERISTICS
Fig.7 OUTPUT VOLTAGE CHANGE VS TEMPERATURE
Fig.8 DROPOUT VOLTAGE VS OUTPUT CURRENT
Fig.9 OUTPUT SHORT CIRCUIT CURRENT VS
DIFFERENTIAL VOLTAGE
Fig.10 OUTPUT SHORT CIRCUIT CURRENT VS
TEMPERATURE
Fig.11 ADJ PIN CURRENT VS TEMPERATURE
Fig.12 QUIESCENT CURRENT CHANGE VS TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com