Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78L06AF Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # LM78L06AF
Description  3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM78L06AF Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM78L06AF Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM78L06AF Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM78L06AF Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM78L06AF Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM78L06AF Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM78L06AF Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM78L06AF Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM78L06AF Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM78L06AF Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
LM78LXX
Jun. 2012 - Rev. 1.5
- 1
-
HTC
TO-92 PKG
SOT-89 PKG
SOP-8 PKG
ORDERING INFORMATION
Device
Package
LM78LXX
TO-92 (Bulk)
LM78LXXTA
TO-92 (Taping)
LM78LXXF
SOT-89
LM78LXXD
SOP-8
FEATURES
Output Current Up to 100mA
No External Components
Internal Thermal Overload Protection
Internal Short-Circuit Limiting
Output Voltage of 5V, 6V, 8V, 9V, 10V, 12V, 15V,
18V and 24V
Moisture Sensitivity Level 3
DESCRIPSION
This series of fixed-voltage monolithic integrated-circuit
voltage regulators is designed for a wide range of
applications.
These
applications
include
on-card
regulation for elimination of noise and distribution
problems associated with single-point regulation. In
addition, they can be used with power-pass elements to
make high current voltage regulators.
Each of these regulators can deliver up to 100mA of
output current. The internal limiting and thermal shutdown
features of these regulators make them essentially
immune to overload. Current limiting is include to limit the
peak output current(250mA ~ 300mA) to a safe value.
When used as a replacement for a zener diode-resistor
combination,
an
effective
improvement
in
output
impedance can be obtained together with lower-bias
current.
XX : Output Voltage = 05, 06, 08, 09, 10, 12, 15, 18, 24
Absolute Maximum Ratings
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
LM78L05 ~ LM78L10
-
30
LM78L12 ~ LM78L18
-
35
Input Voltage
LM78L24
VIN
-
40
V
Maximum Power Dissipation at TA = 25°C / TO-92
PDMax
-
0.770
W
Thermal Resistance Junction-To-Ambient / TO-92
θJA
-
162
℃
/W
Lead Temperature (Soldering, 10 sec)
TSOL
-
260
℃
Storage Temperature Range
TSTG
-65
150
℃
Operating Junction Temperature Range
TJOPR
-40
150
℃


Similar Part No. - LM78L06AF

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM78L06A3 CYSTEKEC-LM78L06A3 Datasheet
501Kb / 14P
Low Current Positive Voltage Regulator
More results

Similar Description - LM78L06AF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
68Kb / 16P
3-terminal 0.1A positive voltage regulator
KA78L24A FAIRCHILD-KA78L24A Datasheet
78Kb / 16P
3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
82Kb / 18P
3-Terminal 0.1A Positive Voltage Regulator
MC78LXXA FAIRCHILD-MC78LXXA Datasheet
73Kb / 14P
3-Terminal 0.1A Positive Voltage Regulator
MC78LXXA FAIRCHILD-MC78LXXA_04 Datasheet
72Kb / 14P
3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA_10 Datasheet
102Kb / 17P
3-Terminal 0.1A Positive Voltage Regulator
MC78LXXA FAIRCHILD-MC78LXXA_10 Datasheet
86Kb / 14P
3-Terminal 0.1A Positive Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM78LXX HTC-LM78LXX_10 Datasheet
252Kb / 11P
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78LXX UTC-78LXX_15 Datasheet
278Kb / 8P
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
78LXX UTC-78LXX_V01 Datasheet
316Kb / 9P
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com