Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2422 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422 Datasheet(HTML) 1 Page - SMSC Corporation

  USB2422 Datasheet HTML 1Page - SMSC Corporation USB2422 Datasheet HTML 2Page - SMSC Corporation USB2422 Datasheet HTML 3Page - SMSC Corporation USB2422 Datasheet HTML 4Page - SMSC Corporation USB2422 Datasheet HTML 5Page - SMSC Corporation USB2422 Datasheet HTML 6Page - SMSC Corporation USB2422 Datasheet HTML 7Page - SMSC Corporation USB2422 Datasheet HTML 8Page - SMSC Corporation USB2422 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
SMSC USB2422
DATASHEET
Revision 1.0 (06-04-13)
Datasheet
PRODUCT FEATURES
General Description
The SMSC USB2422 hub is a low-power, single transaction
translator, hub controller IC with two downstream ports for
embedded USB solutions. The SMSC hub controller can
attach to an upstream port as a Hi-Speed and Full-Speed
hub or as a Full-Speed only hub. The SMSC hub supports
Low-Speed, Full-Speed, and Hi-Speed (when configured as
a Hi-Speed hub) downstream devices on the enabled
downstream ports.
All required resistors on the USB ports are integrated into
the hub. This includes all series termination resistors on D+
and D- pins and all required pull-down and pull-up resistors
on D+ and D- pins. The over-current sense inputs for the
downstream facing ports have internal pull-up resistors.
Features
Supports the USB Battery Charging Specification,
Revision 1.1
Fully integrated USB termination and pull-up/pull-
down resistors
Supports a single external 3.3 V supply source;
internal regulators provide 1.2 V internal core voltage
On-chip driver for 24 MHz crystal resonator or
external 24 MHz clock input
ESD protection up to 6 kV on all USB pins
Supports self-powered operation
SMSC hub contains a built-in default configuration;
no external configuration options or components are
required
Downstream ports as non-removable ports
Downstream port power control and over-current
detection on an individual or ganged basis
Supports compound devices on a port-by-port basis
24-pin SQFN (4x4 mm), RoHS-compliant package
Commercial temperature range support:
0ºC to +70ºC
Industrial temperature range support:
-40ºC to +85ºC
Highlights
High performance, low-power, small footprint hub
controller IC with two downstream ports
Fully compliant with the USB 2.0 Specification
Optimized for minimal bill-of-materials and low-cost
designs
Applications
LCD monitors and TVs
Multi-function USB peripherals
PC motherboards
Set-top boxes, DVD players, DVR/PVR
Printers and scanners
PC media drive bay
Portable hub boxes
Mobile PC docking
Embedded systems
Gaming consoles
Cable/DSL modems
HDD enclosures
KVM switches
Server front panels
Point-of-Sale (POS) systems
IP telephony
Automobile/home audio systems
Thin client terminals
USB2422
2-Port USB 2.0 Hi-Speed Hub Controller


Similar Part No. - USB2422

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB2422 MICROCHIP-USB2422 Datasheet
510Kb / 47P
2-Port USB 2.0 Hi-Speed Hub Controller
07/14/15
More results

Similar Description - USB2422

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2532 SMSC-USB2532 Datasheet
880Kb / 60P
USB 2.0 Hi-Speed 2-Port Hub Controller
USB2533 SMSC-USB2533 Datasheet
891Kb / 61P
USB 2.0 Hi-Speed 3-Port Hub Controller
USB2534 SMSC-USB2534 Datasheet
889Kb / 62P
USB 2.0 Hi-Speed 4-Port Hub Controller
USB2412-DZK SMSC-USB2412-DZK Datasheet
643Kb / 27P
2-Port USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2532 MICROCHIP-USB2532 Datasheet
535Kb / 50P
USB 2.0 Hi-Speed 2-Port Hub Controller
03/25/14
USB2533 MICROCHIP-USB2533 Datasheet
537Kb / 50P
USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
USB3813 MICROCHIP-USB3813 Datasheet
522Kb / 57P
USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
USB2422 MICROCHIP-USB2422 Datasheet
510Kb / 47P
2-Port USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com