Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB4624 Datasheet(PDF) 45 Page - SMSC Corporation

Part # USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4624 Datasheet(HTML) 45 Page - SMSC Corporation

Back Button USB4624 Datasheet HTML 41Page - SMSC Corporation USB4624 Datasheet HTML 42Page - SMSC Corporation USB4624 Datasheet HTML 43Page - SMSC Corporation USB4624 Datasheet HTML 44Page - SMSC Corporation USB4624 Datasheet HTML 45Page - SMSC Corporation USB4624 Datasheet HTML 46Page - SMSC Corporation USB4624 Datasheet HTML 47Page - SMSC Corporation USB4624 Datasheet HTML 48Page - SMSC Corporation USB4624 Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
SMSC USB4624
45
Revision 1.0 (06-17-13)
DATASHEET
Table 7.12 Upstream (Port 0) Battery Charging Control 1 Register
BC_CTL_1
(0x6100- RESET=0x00)
UPSTREAM (PORT 0) BATTERY CHARGING CONTROL 1
REGISTER
BIT
NAME
R/W
DESCRIPTION
7
USB2_IDP_SRC_EN
R/W
AFE 10uA IDP_SRC current source Enable
0: Disabled (Hi Z)
1: Enabled
6
USB2_VDAT_SRC_EN
R/W
AFE 0.6V VDATA_SRC voltage source Enable
0: Disabled (Hi Z)
1: Enabled
5
USB2_HOST_CHRG_EN
R/W
Enable charging host port mode
0: Portable Device
1: Charging Host port.
When the charging host port is bit is set, the connections of
VDATA_SRC, IDAT_SINK, IDP_SRC, VDAT_DET are reversed
between DP and DM
4
USB2_IDAT_SINK_EN
R/W
AFE 100uA current sink and the VDAT_DET comparator Enable
0: Disabled (Hi Z)
1: Enabled
3
USB2_VDAT_DET
R
VDAT_DET comparator output
0: No voltage detected
1: Voltage detected (a possible charger or a
device)
2
USB2_BC_DP_RDIV_EN
R/W
AFE Battery Charging Resistor Divider Enable – DP.
0: Disables resistor divider on DP.
1: Enables 2.7V voltage reference on DP through use of
9.7K/48.5K resistor divider.
1
USB2_BC_DM_RDIV_E
N
R/W
AFE Battery Charging Resistor Divider Enable – DM.
0: Disables resistor divider on DM.
1: Enables 2.0V voltage reference on DM through use of
29.1K/48.5K resistor divider.
0
USB2_DP_DM_SHORT_
EN
R/W
Sets the port into China battery charger mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com