Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2596 Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM2596
Description  3.0A, 150kHz, Step-Down Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2596 Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM2596 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2596 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3.0A, 150kHz, Step-Down Switching Regulator
LM2596
Typical Application (Fixed Output Voltage Versions)
Figure 1. Block Diagram and Typical Application
ABSOLUTE MAXIMUM RATINGS
(Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.)
V
V
V
℃/W
℃/W
W
℃/W
℃/W
W
150
kV
5.0
-60 to +150
2.0
260
65
5.0
Internally Limited
70
-0.3V ≤ V ≤ +Vin
- 1.0
Internally Limited
Tstg
-
-
TJ
PθJC
PD
PθJA
PθJC
Maximum Junction Temperature
Symbol
Unit
Value
Vin
45
-
-
PD
PθJA
Storage Temperature Range
Minimum ESD Rating(Human Body Model :
C=100 pF, R=1.5㏀)
Lead Temperature (Soldering,10seconds)
Rating
Maximum Supply Voltage
On/Off Pin Input Voltage
Output Voltage to Ground (Steady-State)
Power Dissipation
TO-220 5Lead
Thermal Resistance, Juntion to Ambient
Thermal Resistance, Juntion to Case
TO-263 5Lead
HTC
2 −
Thermal Resistance, Juntion to Ambient
Thermal Resistance, Juntion to Case
680 uF
220 uF
1N5824
33 uH
LM2596-5.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com