Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM37101 Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # LM37101
Description  1A Low-Voltage Low-Dropout Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM37101 Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM37101 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM37101 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM37101 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM37101 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM37101 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM37101 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM37101 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM37101 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM37101 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1A Low-Voltage Low-Dropout Regulator
LM37101/37102
Nov. 2011 – R1.1
- 1
-
HTC
FEATURES
Fixed and adjustable output voltages to 1.24V
470mV typical dropout at 1A
Ideal for 3.0V to 2.5V conversion
Ideal for 2.5V to 1.8V or 1.5V conversion
1A minimum guaranteed output current
1% initial accuracy
Low ground current
Current limiting and thermal shutdown
Reversed-battery protection
Reversed-leakage protection
Fast transient response
Moisture Sensitivity Level 3
APPLICATION
Battery Powered Equipments
Motherboards and Graphic Cards
Microprocessor Power Supplies
Peripheral Cards
High Efficiency Linear Regulators
Battery Chargers
DESCRIPTION
SOP-8 PKG
TO-252 PKG
ORDERING INFORMATION
Device
Package
LM37101D-X.X
SOP-8
LM37102D
LM37101RS-X.X
TO-252
LM37102RS
X.X = Output Voltage = 1.5, 1.8, 2.5, 3.3, 5.0
The LM37101/2 is 1A low-dropout linear voltage regulators that provide low-voltage, high-current output. The
LM37101/2 offers extremely low dropout (typically 470mV at 1A) and low ground current (typically 12mA at 1A).
The LM37101 and LM37102 are fixed and adjustable regulators, respectively, in SOP-8 and TO-252 Package.
The LM37101/2 is ideal for PC add-in cards that need to convert from standard 5V to 3.3V, 3.3V to 2.5V or 2.5V
to1.8V. A guaranteed maximum dropout voltage of 630mV overall operating conditions allows the LM37101/2 to
provide2.5V from a supply as low as 3.13V and 1.8V from a supply as low as 2.43V. The LM37101/2 is fully
protected with over current limiting, thermal shutdown, and reversed-battery protection. Fixed voltages of 5.0V,
3.3V, 2.5V, 1.8V and 1.5V are available on LM37101 with adjustable output voltages to 1.24V on LM37102.
Absolute Maximum Ratings (Note 1)
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
Supply Voltage
VIN
- 0.3
+ 20
V
Enable Voltage
VEN
-
+ 20
V
Output Voltage
VOUT
-0.3
VIN +0.3
V
Lead Temperature (Soldering, 5 sec)
TSOL
-
260
℃
Storage Temperature Range
TSTG
-65
+ 150
℃


Similar Part No. - LM37101

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM37101 HTC-LM37101 Datasheet
697Kb / 13P
1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
LM37101D-1.5V HTC-LM37101D-1.5V Datasheet
697Kb / 13P
1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
LM37101D-1.8V HTC-LM37101D-1.8V Datasheet
697Kb / 13P
1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
LM37101D-2.5V HTC-LM37101D-2.5V Datasheet
697Kb / 13P
1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
LM37101D-3.3V HTC-LM37101D-3.3V Datasheet
697Kb / 13P
1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
More results

Similar Description - LM37101

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100 Datasheet
102Kb / 12P
1A Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM39100 HTC-LM39100 Datasheet
325Kb / 9P
1A Low-Voltage Low-Dropout Regulator
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100_05 Datasheet
453Kb / 12P
1A Low-Voltage Low-Dropout Regulator
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
1A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Unisonic Technologies
LM39102 UTC-LM39102_17 Datasheet
169Kb / 5P
1A LOW-VOLTAGE LOW-DROPOUT REGULATOR
logo
HTC Korea TAEJIN Techno...
LM37100 HTC-LM37100 Datasheet
697Kb / 13P
1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com