Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFS600-FGG484 Datasheet(PDF) 67 Page - Microsemi Corporation

Part # AFS600-FGG484
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600-FGG484 Datasheet(HTML) 67 Page - Microsemi Corporation

Back Button AFS600-FGG484 Datasheet HTML 63Page - Microsemi Corporation AFS600-FGG484 Datasheet HTML 64Page - Microsemi Corporation AFS600-FGG484 Datasheet HTML 65Page - Microsemi Corporation AFS600-FGG484 Datasheet HTML 66Page - Microsemi Corporation AFS600-FGG484 Datasheet HTML 67Page - Microsemi Corporation AFS600-FGG484 Datasheet HTML 68Page - Microsemi Corporation AFS600-FGG484 Datasheet HTML 69Page - Microsemi Corporation AFS600-FGG484 Datasheet HTML 70Page - Microsemi Corporation AFS600-FGG484 Datasheet HTML 71Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
2-51
The following error indications are possible for Read operations:
1. STATUS = '01' when a single-bit data error was detected and corrected within the block
addressed.
2. STATUS = '10' when a double-bit error was detected in the block addressed (note that the error is
uncorrected).
In addition to data reads, users can read the status of any page in the FB by asserting PAGESTATUS
along with REN. The format of the data returned by a page status read is shown in Table 2-23, and the
definition of the page status bits is shown in Table 2-24.
Table 2-23 • Page Status Read Data Format
31
8
7
4
3
2
1
0
Write Count Reserved Over Threshold Read Protected
Write Protected
Overwrite Protected
Table 2-24 • Page Status Bit Definition
Page Status
Bit(s)
Definition
31–8
The number of times the page addressed has been programmed/erased
7–4
Reserved; read as 0
3
Over Threshold indicator (see the"Program Operation" section on page 2-48)
2
Read Protected; read protect bit for page, which is set via the JTAG interface and
only affects JTAG operations. This bit can be overridden by using the correct user
key value.
1
Write Protected; write protect bit for page, which is set via the JTAG interface and
only affects JTAG operations. This bit can be overridden by using the correct user
key value.
0
Overwrite Protected; designates that the user has set the OVERWRITEPROTECT
bit on the interface while doing a Program operation. The page cannot be written
without first performing an Unprotect Page operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com