Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4TPC150M Datasheet(PDF) 18 Page - Texas Instruments

Part # 4TPC150M
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

4TPC150M Datasheet(HTML) 18 Page - Texas Instruments

Back Button 4TPC150M Datasheet HTML 14Page - Texas Instruments 4TPC150M Datasheet HTML 15Page - Texas Instruments 4TPC150M Datasheet HTML 16Page - Texas Instruments 4TPC150M Datasheet HTML 17Page - Texas Instruments 4TPC150M Datasheet HTML 18Page - Texas Instruments 4TPC150M Datasheet HTML 19Page - Texas Instruments 4TPC150M Datasheet HTML 20Page - Texas Instruments 4TPC150M Datasheet HTML 21Page - Texas Instruments 4TPC150M Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
-40 -25 -10
5
20
35
50 65
80
95 110 125
0
50
100
150
200
250
IO =1A
V
V
=3.2V
OUT1
IN1
T
Temperature
C
-
- °
0
5
10
15
20
25
-40 -25 -10
5
20
35
50 65
80
95 110 125
IO =100mA
IO =10mA
IO =1mA
V
V
=3.2V
OUT1
IN1
T
Temperature
C
-
- °
0
50
100
150
200
250
2.5
3
3.5
4
4.5
5
5.5
300
V
I =1A
OUT1
O
V
InputVoltage
V
I -
-
T
=125 C
J
°
T
= 40 C
J
-
°
T
=25 C
J
°
0
50
100
150
200
250
2.5
3
3.5
4
4.5
5
5.5
300
V
I =2A
OUT2
O
V
InputVoltage
V
I -
-
T
=125 C
J
°
T
= 40 C
J
-
°
T
=25 C
J
°
TPS70445, TPS70448
TPS70451, TPS70458
TPS70402
SLVS307F – SEPTEMBER 2000 – REVISED APRIL 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
TPS70451
TPS70451
DROPOUT VOLTAGE
DROPOUT VOLTAGE
vs
vs
TEMPERATURE
TEMPERATURE
Figure 18.
Figure 19.
TPS70402
TPS70402
DROPOUT VOLTAGE
DROPOUT VOLTAGE
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 20.
Figure 21.
18
Submit Documentation Feedback
Copyright © 2000–2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com