Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCT2075TP Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCT2075TP
Description  I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2075TP Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCT2075TP Datasheet HTML 9Page - NXP Semiconductors PCT2075TP Datasheet HTML 10Page - NXP Semiconductors PCT2075TP Datasheet HTML 11Page - NXP Semiconductors PCT2075TP Datasheet HTML 12Page - NXP Semiconductors PCT2075TP Datasheet HTML 13Page - NXP Semiconductors PCT2075TP Datasheet HTML 14Page - NXP Semiconductors PCT2075TP Datasheet HTML 15Page - NXP Semiconductors PCT2075TP Datasheet HTML 16Page - NXP Semiconductors PCT2075TP Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
PCT2075
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 19 July 2013
13 of 37
NXP Semiconductors
PCT2075
I2C-bus Fm+ digital temperature sensor and thermal watchdog
When a set-point register is read, all 16 bits are provided to the bus and must be collected
by the controller for a valid temperature. However, only the 9 most significant bits should
be used and the 7 LSB of the LSByte are equal to zero and should be ignored.
A single byte read of either Tos or Thyst is allowed.
Table 15 shows examples of the limit data and value.
7.4.5 Tidle register
For the device temperature sensor, the temperature is measured periodically to save
power. When the temperature is being measured, the device burns approximately 70
A
active current. Since the ambient temperature changes slowly, it is unnecessary to let the
temperature measurement continuously active. Instead, the device temperature sensor is
set to idle for a user-specified time to save power after temperature measurement is done.
The Tidle register allows users to specify the sampling period to measure the
temperature. The register is composed of 5-bit values TIDLE[4:0] at pointer address 04h.
The values of TIDLE[7:5] are ‘don’t care’ and have no effect on the temperature
measurement period. The temperature measurement period can be calculated by
TIDLE[4:0]
 100 ms. For example, if TIDLE[4:0] = 00001, the temperature sampling is
‘00001’
 100 ms = 100 ms. the temperature sensor allows a sampling period from
100 ms to 3.1 s by programming Tidle. If Tidle is set to ‘00000’, it will be treated the same
as Tidle = ‘00001’ and the temperature sensor will measure temperature at 100 ms
period.
Table 14.
Thyst register
MSByte
LSByte
76
54
32
10
76
54
32
10
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
X
Table 15.
Tos and Thyst limit data and value
11-bit binary
(two’s complement)
Hexadecimal value
Decimal value
Value
0 1111 1010
0FA
250
+125.0
C
0 0011 0010
032
50
+25.0
C
0 0000 0001
001
1
+0.5
C
0 0000 0000
000
0
0.0
C
1 1111 1111
1FF
1
0.5 C
1 1100 1110
1CE
50
25.0 C
1 1001 0010
192
110
55.0 C
Table 16.
Tidle - Temperature idle register (address 04h) bit allocation
Temperature idle register contains the value of time in between temperature measurements.
TIDLE[4:0] is the 5-bit Tidle value. Tidle
100 ms is the temperature sampling period.
Bit
7
6
5
4
3
2
1
0
Symbol
-
-
-
TIDLE[4]
TIDLE[3]
TIDLE[2]
TIDLE[1]
TIDLE[0]
Reset
-
-
-
0
0001
Access
-
-
-
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com