Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3413 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3413
Description  Monolithic Synchronous Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3413 Datasheet(HTML) 5 Page - Linear Technology

  LTC3413 Datasheet HTML 1Page - Linear Technology LTC3413 Datasheet HTML 2Page - Linear Technology LTC3413 Datasheet HTML 3Page - Linear Technology LTC3413 Datasheet HTML 4Page - Linear Technology LTC3413 Datasheet HTML 5Page - Linear Technology LTC3413 Datasheet HTML 6Page - Linear Technology LTC3413 Datasheet HTML 7Page - Linear Technology LTC3413 Datasheet HTML 8Page - Linear Technology LTC3413 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3413
5
3413fc
Start-Up
1ms/DIV
VIN = 2.5V
VOUT = 1.25V
LOAD = 0.4Ω
OUTPUT
VOLTAGE
500mV/DIV
INDUCTOR
CURRENT
1A/DIV
3413 G13
Load Step Transient
20μs/DIV
VIN = 2.5V
VOUT = 1.25V
LOAD STEP = 0A TO –3A
OUTPUT
VOLTAGE
100mV/DIV
INDUCTOR
CURRENT
1A/DIV
3413 G12
TYPICAL PERFORMANCE CHARACTERISTICS
SVIN (Pin 1): Signal Input Supply. Decouple this pin to
SGND with a capacitor. SVIN must be greater or equal to
PVIN, however, the difference between SVIN and PVIN must
be less than 0.5V.
PGOOD (Pin 2): Power Good Output. Open-drain logic
output that is pulled to ground when the output voltage
is not within ±10% of regulation point.
ITH (Pin 3): Error Amplifier Compensation Point. The
current comparator threshold increases with this control
voltage. Nominal voltage range for this pin is from 0.2V
to 1.4V with 0.6V corresponding to the zero-sense voltage
(zero current).
VFB (Pin 4): Feedback Pin. Receives the feedback voltage
from the output.
RT (Pin 5): Oscillator Resistor Input. Connecting a resistor
to ground from this pin sets the switching frequency.
VREF (Pin 6): Reference Voltage Input. The positive input
of the internal error amplifier senses one-half of the volt-
age at this pin through a resistor divider.
RUN/SS (Pin 7): Run Control and Soft-Start Input. Forcing
this pin below 0.5V shuts down the LTC3413. In shutdown
all functions are disabled drawing < 1μA of supply current.
A capacitor to ground from this pin sets the ramp time to
full output current.
SGND (Pin 8): Signal Ground. All small-signal components
and compensation components should connect to this
ground, which in turn connects to PGND at one point.
PVIN (Pins 9, 16): Power Input Supply. Decouple this pin
to PGND with a capacitor.
SW (Pins 10, 11, 14, 15): Switch Node Connection to
Inductor. This pin connects to the drains of the internal
main and synchronous power MOSFET switches.
PGND (Pins 12, 13): Power Ground. Connect this pin
closely to the (–) terminal of CIN and COUT.
Exposed Pad (Pin 17): Should be connected to PCB
ground.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com