Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2912CDDB-2 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2912CDDB-2
Description  Single UV/OV Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2912CDDB-2 Datasheet(HTML) 4 Page - Linear Technology

  LTC2912CDDB-2 Datasheet HTML 1Page - Linear Technology LTC2912CDDB-2 Datasheet HTML 2Page - Linear Technology LTC2912CDDB-2 Datasheet HTML 3Page - Linear Technology LTC2912CDDB-2 Datasheet HTML 4Page - Linear Technology LTC2912CDDB-2 Datasheet HTML 5Page - Linear Technology LTC2912CDDB-2 Datasheet HTML 6Page - Linear Technology LTC2912CDDB-2 Datasheet HTML 7Page - Linear Technology LTC2912CDDB-2 Datasheet HTML 8Page - Linear Technology LTC2912CDDB-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC2912
4
2912fa
TYPICAL PERFORMANCE CHARACTERISTICS
Input Threshold Voltage
vs Temperature
Supply Current vs Temperature
VCC Shunt Voltage
vs Temperature
VCC Shunt Voltage vs ICC
UV Output Voltage vs VCC
Typical Transient Duration vs
Comparator Overdrive
TIMING DIAGRAMS
VH Monitor Timing
VH Monitor Timing (TMR Pin Strapped to VCC)
VL Monitor Timing
VL Monitor Timing (TMR Pin Strapped to VCC)
VH
UV
VUOT
1V
tUOD
tUOTO
2912 TD01
VL
OV
VUOT
1V
tUOD
tUOTO
2912 TD02
VH
UV
VUOT
1V
tUOD
tUOD
2912 TD03
VL
OV
VUOT
1V
tUOD
tUOD
2912 TD04
TEMPERATURE (°C)
–50
0.495
0.497
0.499
0.501
–25
0
25
50
2912 G01
75
0.503
0.505
0.496
0.498
0.500
0.502
0.504
100
TEMPERATURE (°C)
–50
15
20
25
30
35
40
45
–25
0
25
50
2912 G02
75
100
VCC = 5V
VCC = 3.3V
VCC = 2.3V
TEMPERATURE (°C)
–50
6.2
6.3
6.4
6.5
6.6
6.8
–25
025
50
2912 G03
75
100
6.7
200μA
1mA
2mA
5mA
10mA
ICC (mA)
–2
0
6.25
6.45
6.75
2
85°C
25°C
6
8
2912 G04
6.35
6.65
6.55
4
10
12
–40°C
COMPARATOR OVERDRIVE PAST THRESHOLD (%)
0.1
400
500
600
700
1
10
100
2912 G05
300
200
100
50
VCC = 2.3V
VCC = 6V
RESET OCCURS
ABOVE CURVE
SUPPLY VOLTAGE, VCC (V)
0
0.4
0.6
VCC
0.8
2912 G06
0.2
0
0.2
0.4
0.6
1
0.8
UV WITH
10k PULL-UP
UV WITHOUT
PULL-UP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com