Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS2012P Datasheet(PDF) 6 Page - Orister Corporation

Part # RS2012P
Description  Low Power OFF-Line SMPS Primary Switcher
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS2012P Datasheet(HTML) 6 Page - Orister Corporation

  RS2012P Datasheet HTML 1Page - Orister Corporation RS2012P Datasheet HTML 2Page - Orister Corporation RS2012P Datasheet HTML 3Page - Orister Corporation RS2012P Datasheet HTML 4Page - Orister Corporation RS2012P Datasheet HTML 5Page - Orister Corporation RS2012P Datasheet HTML 6Page - Orister Corporation RS2012P Datasheet HTML 7Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page No. : 6/
7
DS-RS2012-0
3
July, 20
10
www.Orister.com
Soldering Methods for Orister’s Products
1. Storage environment: Temperature=10
oC~35oC Humidity=65%±15%
2. Reflow soldering of surface-mount devices
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Average ramp-up rate (TL to TP)
<3
oC/sec
<3
oC/sec
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (min to max) (ts)
100
oC
150
oC
60~120 sec
150
oC
200
oC
60~180 sec
Tsmax to TL
- Ramp-up Rate
<3
oC/sec
<3
oC/sec
Time maintained above:
- Temperature (TL)
- Time (tL)
183
oC
60~150 sec
217
oC
60~150 sec
Peak Temperature (TP)
240
oC +0/-5oC
260
oC +0/-5oC
Time within 5
oC of actual Peak
Temperature (tP)
10~30 sec
20~40 sec
Ramp-down Rate
<6
oC/sec
<6
oC/sec
Time 25
oC to Peak Temperature
<6 minutes
<8 minutes
3. Flow (wave) soldering (solder dipping)
Products
Peak temperature
Dipping time
Pb devices.
245
oC ±5oC
5sec
±1sec
Pb-Free devices.
260
oC +0/-5oC
5sec
±1sec
Figure 1: Temperature profile
tP
tL
Ramp-down
Ramp-up
Tsmax
Tsmin
Critical Zone
TL to TP
tS
Preheat
TL
TP
25
t 25oC to Peak
Time



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com