Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS432AMG Datasheet(PDF) 2 Page - Orister Corporation

Part # RS432AMG
Description  Adjustable Precision Shunt Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS432AMG Datasheet(HTML) 2 Page - Orister Corporation

  RS432AMG Datasheet HTML 1Page - Orister Corporation RS432AMG Datasheet HTML 2Page - Orister Corporation RS432AMG Datasheet HTML 3Page - Orister Corporation RS432AMG Datasheet HTML 4Page - Orister Corporation RS432AMG Datasheet HTML 5Page - Orister Corporation RS432AMG Datasheet HTML 6Page - Orister Corporation RS432AMG Datasheet HTML 7Page - Orister Corporation RS432AMG Datasheet HTML 8Page - Orister Corporation RS432AMG Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Page No. : 2/10
DS‐RS432‐07    September, 2009 
www.Orister.com
Pin Assignments 
SOT‐23 
SOT‐89 
TO‐92 
(STRAIGHT LEAD OPTION) 
TO‐92 
(FORMED LEAD OPTION) 
 
PACKAGE 
PIN 
DESCRIPTION 
1 
REFERENCE 
2 
CATHODE 
SOT‐23 
3 
ANODE 
 
PACKAGE 
PIN 
DESCRIPTION 
1 
REFERENCE 
2 
CATHODE
 
SOT‐89 
3 
ANODE 
 
PACKAGE 
PIN 
DESCRIPTION 
1 
REFERENCE 
2 
CATHODE
 
TO‐92 
3 
ANODE 
Ordering Information 
DEVICE 
DEVICE CODE 
RS432 X YY Z 
X is Reference voltage precision designator: 
A: 1.24V ±2.0% 
B: 1.24V ±1.0% 
C: 1.24V ±0.5% 
D: 1.25V ±2.0% 
E: 1.25V ±1.0% 
F: 1.25V ±0..5% 
YY is package designator : 
N: SOT‐23 
M: SOT‐89 
A: TO‐92 (Straight lead option) 
AT: TO‐92 (Formed lead option) 
Z is Lead Free designator : 
P: Commercial Standard, Lead (Pb) Free and Phosphorous (P) Free Package 
G: Green (Halogen Free with Commercial Standard) 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com