Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF652 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF652
Description  RF POWER TRANSISTORS NPN SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF652 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF652 Datasheet HTML 1Page - Motorola, Inc MRF652 Datasheet HTML 2Page - Motorola, Inc MRF652 Datasheet HTML 3Page - Motorola, Inc MRF652 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
MRF652 MRF652S
MOTOROLA RF DEVICE DATA
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Frequency
Figure 4. Output Power versus Supply Voltage
Figure 5. Typical Broadband Circuit Performance
Figure 6. Series Equivalent Input/Output Impedance
10
8
6
4
2
0
0
0.2
0.4
0.6
0.8
1
Pin, INPUT POWER (WATTS)
f = 440 MHz
10
8
6
4
2
0
f, FREQUENCY (MHz)
VCC = 12.5 V
10
8
6
4
2
0
6
8
10
12
14
16
VCC, SUPPLY VOLTAGE (VOLTS)
f = 512 MHz
Pin = 1 W
0.5 W
0.25 W
VCC = 12.5 V
Pin = 1 W
Pin = 0.5 W
VCC = 12.5 V
8
6
4
2
0
440
460
480
520
f, FREQUENCY (MHz)
VSWR
500
2:0
80
70
60
40
50
1:5
1:1
Pout
η
512 MHz
440
460
480
520
500
0.5 W
0.25 W
f = 400 MHz
f = 400 MHz
440
ZOL*
Zin
470
512
470
440
0
8.0
10
7.0
6.0
5.0
4.0
3.0
2.0
1.0
3
2
1
9.0
3
2
512
1
f
MHz
Zin
Ohms
ZOL*
Ohms
400
440
470
512
1.18 + j0.54
1.19 + j0.88
1.19 + j1.11
1.19 + j1.35
6.7 – j6.9
7.05 – j6.1
7.6 – j5.1
8.1 – j4.1
VCC = 12.5 Vdc
Pout = 5.0 W
ZOL* = Conjugate of the optimum load impedance
ZOL* = into which the device output operates at a
ZOL* = given output power, voltage and frequency.
Zo = 10 Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com