Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z10VC Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # MM3Z10VC
Description  200mW SOD-323 SURFACE MOUNT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MM3Z10VC Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  MM3Z10VC Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MM3Z10VC Datasheet HTML 2Page - Yea Shin Technology Co., Ltd MM3Z10VC Datasheet HTML 3Page - Yea Shin Technology Co., Ltd MM3Z10VC Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.yeashin.com
2
REV.02 20110725
MM3ZxxVC Series
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
µA)
Max
VR
(Volts)
MM3Z22VC
ZP
20.90
22
23.10
5
51
1
235
0.045
15.4
MM3Z24VC
ZR
22.80
24
25.20
5
65
1
235
0.045
16.8
MM3Z27VC
ZS
25.65
27
28.35
5
75
0.5
282
0.045
18.9
MM3Z30VC
ZT
28.50
30
31.50
5
75
0.5
282
0.045
21.0
MM3Z33VC
ZU
31.35
33
34.65
5
75
0.5
306
0.045
23.0
MM3Z36VC
ZV
34.20
36
37.80
5
84
0.5
329
0.045
25.2
MM3Z39VC
ZW
37.05
39
40.95
5
122
0.5
329
0.045
27.3
MM3Z43VC
ZX
40.85
43
45.15
5
141
0.5
353
0.045
30.1
MM3Z47VC
ZY
44.65
47
49.35
5
160
0.5
353
0.045
33.0
MM3Z51VC
Z −
48.45
51
53.55
5
169
0.5
376
0.045
35.7
MM3Z56VC
Z=
53.20
56
58.80
5
188
0.5
400
0.045
39.2
MM3Z62VC
Z ≡
58.90
62
65.10
5
202
0.5
423
0.045
43.4
MM3Z68VC
Z>
64.60
68
71.40
5
226
0.5
447
0.045
47.6
MM3Z75VC
Z<
71.25
75
78.75
5
240
0.5
470
0.045
52.5
VF Forward Voltage = 1 V Maximum @ IF = 10 mA for all types
Notes:
1.
The Zener Voltage (V
Z) is tested under pulse condition of 10mS.
2.
The device numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
3.
For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter
voltage tolerances, contact your nearest
YEASHIN representative.
4.
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (I
ZT or IZK) is superimposed to IZT or IZK.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com