Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z12VC Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # MM3Z12VC
Description  200mW SOD-323 SURFACE MOUNT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MM3Z12VC Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  MM3Z12VC Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MM3Z12VC Datasheet HTML 2Page - Yea Shin Technology Co., Ltd MM3Z12VC Datasheet HTML 3Page - Yea Shin Technology Co., Ltd MM3Z12VC Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
H
MM3ZxxVC Series
200mW SOD-323 SURFACE MOUNT
Small Outline Flat Lead Plastic Package
Zener Voltage Regulators
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
200
mW
TSTG
Storage Temperature Range
-65 to +150
°C
TOPR
Operating Temperature Range
-65 to +150
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Wide Zener Voltage Range Selection, 2.4V to 75V
VZ Tolerance Selection of ±5% (C Series)
Flat Lead SOD-323 Small Outline Plastic Package
Surface Device Type Mounting
Moisture Sensitivity Level 1
Clip Bonding Construction, Good Thermal Capability
Pb Free Version and RoHS Compliant
Matte Tin(Sn) Lead Finish with Nickel(Ni) Underplate
Band Indicates Cathode
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
µA)
Max
VR
(Volts)
MM3Z2V4C
Z0
2.28
2.4
2.52
5
94
1
564
45
1
MM3Z2V7C
Z1
2.57
2.7
2.84
5
94
1
564
18
1
MM3Z3V0C
Z2
2.85
3.0
3.15
5
89
1
564
9
1
MM3Z3V3C
Z3
3.14
3.3
3.47
5
89
1
564
4.5
1
MM3Z3V6C
Z4
3.42
3.6
3.78
5
84
1
564
4.5
1
MM3Z3V9C
Z5
3.71
3.9
4.10
5
84
1
564
2.7
1
MM3Z4V3C
Z6
4.09
4.3
4.52
5
84
1
564
2.7
1
MM3Z4V7C
Z7
4.47
4.7
4.94
5
75
1
470
2.7
2
MM3Z5V1C
Z8
4.85
5.1
5.36
5
56
1
451
1.8
2
MM3Z5V6C
Z9
5.32
5.6
5.88
5
37
1
376
0.9
2
MM3Z6V2C
ZA
5.89
6.2
6.51
5
9
1
141
2.7
4
MM3Z6V8C
ZB
6.46
6.8
7.14
5
14
1
75
1.8
4
MM3Z7V5C
ZC
7.11
7.5
7.86
5
14
1
75
0.9
5
MM3Z8V2C
ZD
7.79
8.2
8.61
5
14
1
75
0.63
5
MM3Z9V1C
ZE
8.65
9.1
9.56
5
14
1
94
0.45
6
MM3Z10VC
ZF
9.50
10
10.50
5
18
1
141
0.18
7
MM3Z11VC
ZG
10.45
11
11.55
5
18
1
141
0.09
8
MM3Z12VC
ZH
11.40
12
12.60
5
23
1
141
0.09
8
MM3Z13VC
ZJ
12.35
13
13.65
5
28
1
160
0.09
8
MM3Z15VC
ZK
14.25
15
15.75
5
28
1
188
0.045
10.5
MM3Z16VC
ZL
15.20
16
16.80
5
37
1
188
0.045
11.2
MM3Z18VC
ZM
17.10
18
18.90
5
42
1
212
0.045
12.6
MM3Z20VC
ZN
19.00
20
21.00
5
51
1
212
0.045
14.0
ELECTRICAL SYMBOL
Cathode
Anode
SOD-323 Flat Lead


Similar Part No. - MM3Z12VC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM3Z12VC FAIRCHILD-MM3Z12VC Datasheet
440Kb / 6P
Zener Diodes
logo
ON Semiconductor
MM3Z12VC ONSEMI-MM3Z12VC Datasheet
160Kb / 6P
Zener Diodes
August, 2020 ??Rev. 1
logo
Tak Cheong Electronics ...
MM3Z12VCW TAK_CHEONG-MM3Z12VCW Datasheet
268Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z12VCW TAK_CHEONG-MM3Z12VCW Datasheet
290Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
MM3Z12VCW SECOS-MM3Z12VCW Datasheet
595Kb / 4P
200mW, SOD-323L Surface Mount Zener Diodes
More results

Similar Description - MM3Z12VC

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MM3Z2V4B YEASHIN-MM3Z2V4B Datasheet
1Mb / 4P
200mW SOD-323 SURFACE MOUNT
MM5Z2V4 YEASHIN-MM5Z2V4 Datasheet
1Mb / 4P
200mW SOD-523 SURFACE MOUNT
MMSZ5221BS YEASHIN-MMSZ5221BS Datasheet
1Mb / 4P
200mW SOD-323 SURFACE MOUNT
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4S-75S WINNERJOIN-BZT52C2V4S-75S Datasheet
298Kb / 4P
200mW SOD-323 SURFACE MOUNT
BAS216 WINNERJOIN-BAS216 Datasheet
127Kb / 2P
200mW SOD-323 SURFACE MOUNT
logo
Yea Shin Technology Co....
MM3ZXXVB YEASHIN-MM3ZXXVB Datasheet
1Mb / 4P
200mW SOD-323 SURFACE MOUNT
MM3ZXXVC YEASHIN-MM3ZXXVC Datasheet
1Mb / 4P
200mW SOD-323 SURFACE MOUNT
logo
Shanghai Shunye Electro...
1SS400 SHUNYE-1SS400 Datasheet
227Kb / 4P
200mW SOD-523 SURFACE MOUNT
logo
Nanjing International G...
RB521S-30 DGNJDZ-RB521S-30 Datasheet
159Kb / 3P
200mW SOD-523 SURFACE MOUNT
logo
Rectron Semiconductor
1N4148WT RECTRON-1N4148WT Datasheet
189Kb / 6P
200mW SOD-523 SURFACE MOUNT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com