| Electronic Components Datasheet Search |
|
AFS600-FGG484ES Datasheet(PDF) 44 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AFS600-FGG484ES Datasheet(HTML) 44 Page - Microsemi Corporation |
|
44 / 334 page ![]() Device Architecture 2-28 Revision 4 CCC Physical Implementation The CCC circuit is composed of the following (Figure 2-23): • PLL core • 3 phase selectors • 6 programmable delays and 1 fixed delay • 5 programmable frequency dividers that provide frequency multiplication/division (not shown in Figure 2-23 because they are automatically configured based on the user's required frequencies) • 1 dynamic shift register that provides CCC dynamic reconfiguration capability (not shown) CCC Programming The CCC block is fully configurable. It is configured via static flash configuration bits in the array, set by the user in the programming bitstream, or configured through an asynchronous dedicated shift register, dynamically accessible from inside the Fusion device. The dedicated shift register permits changes of parameters such as PLL divide ratios and delays during device operation. This latter mode allows the user to dynamically reconfigure the PLL without the need for core programming. The register file is accessed through a simple serial interface. Note: Clock divider and multiplier blocks are not shown in this figure or in SmartGen. They are automatically configured based on the user's required frequencies. Figure 2-23 • PLL Block PLL Core Phase Select Phase Select Phase Select GLA CLKA GLB YB GLC YC Fixed Delay Programmable Delay Type 1 Programmable Delay Type 2 Programmable Delay Type 2 Programmable Delay Type 1 Programmable Delay Type 2 Programmable Delay Type 1 Four-Phase Output |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |