Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR2297 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHR2297
Description  36-44GHz Multifunction Down-Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2297 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHR2297 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2297 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2297 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2297 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2297 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2297 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHR2297
36-44GHz MFC Down-Converter
Ref.: DSCHR22970204 - 23 Jul 10
2/6
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics
Tamb=+25°C
Symbol
Parameter
Min
Typ
Max
Unit
FRF
RF frequency range
36
44
GHz
FLO
LO frequency range
30
39
GHz
FIF
IF frequency range
2
6
GHz
Gc
Conversion Gain
2.5
dB
PLO
LO Input power
0
dBm
LO_IF Lk LO Leakage on IF (for PLO=0dBm)
-28
dBm
LO_RF Lk LO Leakage on RF (for PLO=0dBm)
-22
dBm
RF_IF Lk RF Leakage on IF (for PRF=-5dBm)
-50
dBm
P1dB
Input power at 1dB gain compression
+4
dBm
LO Match LO Matching
(1)
2.0:1
RF Match RF Matching
(1)
2.0:1
IF Match
IF Matching
2.0:1
Vd
Drain bias voltage (pads Vd1, Vd2)
4
V
Vg
Gate bias voltage (pad Vg)
-1
V
Id
Drain bias current
65
mA
(1) A wire bond of typically 0.1 to 0.15 nH will improve the input and output matching.
Absolute Maximum Ratings
(1)
Tamb = +25°C
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
4.5
V
Id
Drain bias current
100
mA
PLO
Maximum LO input power
5
dBm
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +125
°C
(1) Operation of device above anyone of these parameters may cause permanent damage.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com